Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJS50N03 Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # PJS50N03
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJS50N03 Datasheet(HTML) 4 Page - Pan Jit International Inc.

  PJS50N03 Datasheet HTML 1Page - Pan Jit International Inc. PJS50N03 Datasheet HTML 2Page - Pan Jit International Inc. PJS50N03 Datasheet HTML 3Page - Pan Jit International Inc. PJS50N03 Datasheet HTML 4Page - Pan Jit International Inc. PJS50N03 Datasheet HTML 5Page - Pan Jit International Inc. PJS50N03 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PAGE . 4
s
RATING A ND CHARACTERISTIC CURVES
Fig.7 Gate Threshoid Voltage VS Junction Temperature
0.0
2.0
4.0
6.0
8.0
10.0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
VSD, Source-Drain Voltage(V)
TJ=75℃
TJ=125℃
TJ=25℃
TJ=150℃
Fig.8 Body diode forward voltage
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
25
50
75
100
125
150
TJ, Junction Temperature(℃)
IDS=-250uA
PJS50N03
March 19,2012-REV.00



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com