Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC271 Datasheet(PDF) 5 Page - Texas Instruments

Part # TC271
Description  1080 횞 580-PIXEL CCD IMAGE SENSOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TC271 Datasheet(HTML) 5 Page - Texas Instruments

  TC271 Datasheet HTML 1Page - Texas Instruments TC271 Datasheet HTML 2Page - Texas Instruments TC271 Datasheet HTML 3Page - Texas Instruments TC271 Datasheet HTML 4Page - Texas Instruments TC271 Datasheet HTML 5Page - Texas Instruments TC271 Datasheet HTML 6Page - Texas Instruments TC271 Datasheet HTML 7Page - Texas Instruments TC271 Datasheet HTML 8Page - Texas Instruments TC271 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TC271
1080
× 580-PIXEL CCD IMAGE SENSOR
SOCS039A – JANUARY 1994 – REVISED JUNE 1996
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
multiplexer and image-storage area
After integration, the multiplexer rearranges two horizontal lines into vertical groups of three and separates and
loads the image into the storage area. Figure 1 shows the layout of the multiplexer gate and its interface to the
two field memories. Figure 2 shows the interface region between the storage area and the three serial registers.
A drain is also provided to clear the image-sensing and image-storage areas of unwanted charge. Such charge
can accumulate in the imager during the startup of operation or under special circumstances when nonstandard
TV operation is desired. The sensor’s independently addressable memories allow several different modes of
sensor operation including (1) a normal-light mode, (2) a low-light mode, (3) a still mode, and (4) a
progressive-scan mode. The timing for these four modes is given in Figure 6 through Figure 9. The
parallel-transfer timing is shown in Figure 10.
serial registers and amplifiers
After transfer to the serial registers (see Figure 11, which shows the horizontal timing that gives the necessary
sequence of pulses for transfer from the storage area to the serial registers), the charge is converted to a signal
voltage at the sense node and buffered with a dual-stage source follower. The three serial registers are typically
clocked 120 degrees out of phase with each serial-gate pulse supplying a detection-node reset signal for one
of the other two serial gates (see Figure 12). The readout timing, which includes the three serial pulses and the
pixel-clamp pulses used in an off-chip double-correlated sampling circuit, is shown in Figure 13. The detection
nodes and amplifiers are located some distance from the edge of the storage area. Twelve dummy elements
are incorporated at the end of each serial register to span the distance. The location of the dummy elements,
which are considered to be part of the amplifiers, is shown in the functional block diagram. A schematic of the
detection node and amplifier is given in Figure 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com