Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC271 Datasheet(PDF) 17 Page - Texas Instruments

Part # TC271
Description  1080 횞 580-PIXEL CCD IMAGE SENSOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TC271 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TC271 Datasheet HTML 13Page - Texas Instruments TC271 Datasheet HTML 14Page - Texas Instruments TC271 Datasheet HTML 15Page - Texas Instruments TC271 Datasheet HTML 16Page - Texas Instruments TC271 Datasheet HTML 17Page - Texas Instruments TC271 Datasheet HTML 18Page - Texas Instruments TC271 Datasheet HTML 19Page - Texas Instruments TC271 Datasheet HTML 20Page - Texas Instruments TC271 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
TC271
1080
× 580-PIXEL CCD IMAGE SENSOR
SOCS039A – JANUARY 1994 – REVISED JUNE 1996
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
optical characteristics, TA = 25°C, exposure time = 40 ms (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
Sensitivity (see Notes 9 and 10)
No IR filter
400
mV/lx
Sensitivity (see Notes 9 and 10)
With IR filter
52
mV/lx
Saturation signal, Vsat (see Note 11)
410
mV
Image-area well capacity
70 x 103
electrons
Blooming-overload ratio (see Note 12)
Exposure time = 1/50 second
125
Smear (see Notes 13 and 14)
0.0014
Output-signal uniformity
VO = 1/2 VU (see Note 10)
1
mV
Dark-signal (see Note 15)
TA = 40°C
5
6
mV
Dark-signal uniformity
TA = 40°C
0.3
mV
Dark current
TA = 21°C
100
pA/cm2
NOTES:
9. Sensitivity is measured at any illumination level that gives an output voltage level less than VU. A CM-500 filter is used.
10. VU is the output voltage that represents the threshold of operation of antiblooming. VU ≈ 1/2 saturation signal.
11. Saturation is the condition in which further increase in exposure does not lead to further increase in output signal.
12. Blooming is the condition in which charge is induced in an element by light incident on another element. Blooming-overload ratio
is the ratio of blooming exposure to saturation exposure.
13. Smear is the measure of error induced by transferring charge through an illuminated pixel in shutterless operation. It is equivalent
to the ratio of the single-pixel transfer time during a fast dump to the exposure time using an illuminated section that is 1/10 of the
image-area vertical height with recommended clock frequencies.
14. The fast-dump clocking rate during vertical timing is 1.0 MHz, and the illuminated section is 1/10 of the height of the image section.
15. Dark-signal level is measured from the dark dummy pixels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com