Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC271 Datasheet(PDF) 16 Page - Texas Instruments

Part # TC271
Description  1080 횞 580-PIXEL CCD IMAGE SENSOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TC271 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TC271 Datasheet HTML 12Page - Texas Instruments TC271 Datasheet HTML 13Page - Texas Instruments TC271 Datasheet HTML 14Page - Texas Instruments TC271 Datasheet HTML 15Page - Texas Instruments TC271 Datasheet HTML 16Page - Texas Instruments TC271 Datasheet HTML 17Page - Texas Instruments TC271 Datasheet HTML 18Page - Texas Instruments TC271 Datasheet HTML 19Page - Texas Instruments TC271 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
TC271
1080
× 580-PIXEL CCD IMAGE SENSOR
SOCS039A – JANUARY 1994 – REVISED JUNE 1996
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating ranges of supply voltage and operating
free-air temperature (unless otherwise noted)
PARAMETER
MIN
TYP†
MAX
UNIT
Dynamic range (see Note 2)
60
dB
Charge-conversion factor
6.5
µV/e
Charge-transfer efficiency (see Note 3)
0.9999
0.99995
1.000
Signal-response delay time,
τ (see Note 4 and Figure 19)
18
20
22
ns
Gamma (see Note 5)
0.89
0.94
0.99
Output resistance
350
Ω
Noise voltage
1/f noise (5 kHz)
0.1
µV/√Hz
Noise voltage
Random noise (f = 100 kHz)
0.08
µV/√Hz
Noise-equivalent signal
15
electrons
ADB (see Note 6)
20
Rejection ratio at 4.77 MHz
SRGn (see Note 7)
40
dB
ABG (see Note 8)
30
Supply current
4
mA
IAG
12000
SAG1, SAG2
11000
Input capacitance Ci
ABG
4600
pF
Input capacitance, Ci
TMG
120
pF
TRG
160
SRG1, SRG2, SRG3
80
† All typical values are at TA = 25 °C.
NOTES:
2. Dynamic range is – 20 times the logarithm of the mean-noise signal divided by the saturation-output signal.
3. Charge-transfer efficiency is one minus the charge loss per transfer in the output register. The test is performed in the dark using
an electrical-input signal.
4. Signal-response delay time is the time between the falling edge of the SRG clock pulse and the output-signal valid state.
5. Gamma (
γ) is the value of the exponent in the equation below for two points on the linear portion of the transfer-function curve:
Exposure (2)
Exposure (1)
g
+
Output signal (2)
Output signal (1)
6. ADB rejection ratio is – 20 times the logarithm of the ac amplitude on OUTn divided by the ac amplitude on ADB.
7. SRGn rejection ratio is – 20 times the logarithm of the ac amplitude on OUTn divided by the ac amplitude on SRGn.
8. ABG rejection ratio is – 20 times the logarithm of the ac amplitude on OUTn divided by the ac amplitude on ABG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com