Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS8083CPZP Datasheet(PDF) 28 Page - Texas Instruments

Part # THS8083CPZP
Description  Triple 8-Bit, 80 MSPS, 3.3-V Video and Graphics Digitizer With Digital PLL
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS8083CPZP Datasheet(HTML) 28 Page - Texas Instruments

Back Button THS8083CPZP Datasheet HTML 24Page - Texas Instruments THS8083CPZP Datasheet HTML 25Page - Texas Instruments THS8083CPZP Datasheet HTML 26Page - Texas Instruments THS8083CPZP Datasheet HTML 27Page - Texas Instruments THS8083CPZP Datasheet HTML 28Page - Texas Instruments THS8083CPZP Datasheet HTML 29Page - Texas Instruments THS8083CPZP Datasheet HTML 30Page - Texas Instruments THS8083CPZP Datasheet HTML 31Page - Texas Instruments THS8083CPZP Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 61 page
background image
Table 3–1. I2C Register Map (continued)
REGISTER
NAME
R/W
SUB
ADDRESS
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CLP_CTRL
R/W
20
CLP_SEL
CLP1_EN
CLP1_RG
CLP2_EN
CLP2_RG
CLP3_EN
CLP3_RG
CLP_START_0
R/W
21
CLP_START7
CLP_START6
CLP_START5
CLP_START4
CLP_START3
CLP_START2
CLP_START1
CLP_START0
CLP_START_1
R/W
22
CLP_START11
CLP_START10
CLP_START9
CLP_START8
CLP_STOP_0
R/W
23
CLP_STOP7
CLP_STOP6
CLP_STOP5
CLP_STOP4
CLP_STOP3
CLP_STOP2
CLP_STOP1
CLP_STOP0
CLP_STOP_1
R/W
24
CLP_STOP11
CLP_STOP10
CLP_STOP9
CLP_STOP8
CH1_CLP
R/W
25
CH1_CLP7
CH1_CLP6
CH1_CLP5
CH1_CLP4
CH1_CLP3
CH1_CLP2
CH1_CLP1
CH1_CLP0
CH1_COARSE
R/W
26
CH1_COARSE5
CH1_COARSE4
CH1_COARSE3
CH1_COARSE2
CH1_COARSE1
CH1_COARSE0
CH1_FINE
R/W
27
CH1_FINE4
CH1_FINE3
CH1_FINE2
CH1_FINE1
CH1_FINE0
CH2_CLP
R/W
28
CH2_CLP7
CH2_CLP6
CH2_CLP5
CH2_CLP4
CH2_CLP3
CH2_CLP2
CH2_CLP1
CH2_CLP0
CH2_COARSE
R/W
29
CH2_COARSE5
CH2_COARSE4
CH2_COARSE3
CH2_COARSE2
CH2_COARSE1
CH2_COARSE0
CH2_FINE
R/W
2A
CH2_FINE4
CH2_FINE3
CH2_FINE2
CH2_FINE1
CH2_FINE0
CH3_CLP
R/W
2B
CH3_CLP7
CH3_CLP6
CH3_CLP5
CH3_CLP4
CH3_CLP3
CH3_CLP2
CH3_CLP1
CH3_CLP0
CH3_COARSE
R/W
2C
CH3_COARSE5
CH3_COARSE4
CH3_COARSE3
CH3_COARSE2
CH3_COARSE1
CH3_COARSE0
CH3_FINE
R/W
2D
CH3_FINE4
CH3_FINE3
CH3_FINE2
CH3_FINE1
CH3_FINE0
PIX_TRAP_0
R/W
2E
PIX_TRAP7
PIX_TRAP6
PIX_TRAP5
PIX_TRAP4
PIX_TRAP3
PIX_TRAP2
PIX_TRAP1
PIX_TRAP0
PIX_TRAP_1
R/W
2F
PIX_TRAP11
PIX_TRAP10
PIX_TRAP9
PIX_TRAP8
PWDN_CTRL
R/W
30
PWDN_ALL
PWDN_REF
PWDN_BGAP
DTO_DIS
AUX_CTRL
R/W
31
CS_DIS
TEST2
TEST1
TEST0
TACT
CH1_RDBK
R
32
CH1_RDBK7
CH1_RDBK6
CH1_RDBK5
CH1_RDBK4
CH1_RDBK3
CH1_RDBK2
CH1_RDBK1
CH1_RDBK0
CH2_RDBK
R
33
CH2_RDBK7
CH2_RDBK6
CH2_RDBK5
CH2_RDBK4
CH2_RDBK3
CH2_RDBK2
CH2_RDBK1
CH2_RDBK0
CH3_RDBK
R
34
CH3_RDBK7
CH3_RDBK6
CH3_RDBK5
CH3_RDBK4
CH3_RDBK3
CH3_RDBK2
CH3_RDBK1
CH3_RDBK0
Reserved
35-3F
OFM_CTRL
R/W
40
DHS_MODE
DHS_POL
OFM_MODE1
OFM_MODE0
NOTE: Blank register bits in this table are ignored upon write. When read they return 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com