Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS8083CPZP Datasheet(PDF) 59 Page - Texas Instruments

Part # THS8083CPZP
Description  Triple 8-Bit, 80 MSPS, 3.3-V Video and Graphics Digitizer With Digital PLL
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS8083CPZP Datasheet(HTML) 59 Page - Texas Instruments

Back Button THS8083CPZP Datasheet HTML 53Page - Texas Instruments THS8083CPZP Datasheet HTML 54Page - Texas Instruments THS8083CPZP Datasheet HTML 55Page - Texas Instruments THS8083CPZP Datasheet HTML 56Page - Texas Instruments THS8083CPZP Datasheet HTML 57Page - Texas Instruments THS8083CPZP Datasheet HTML 58Page - Texas Instruments THS8083CPZP Datasheet HTML 59Page - Texas Instruments THS8083CPZP Datasheet HTML 60Page - Texas Instruments THS8083CPZP Datasheet HTML 61Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 59 / 61 page
background image
A–1
Appendix A
PLL Formula and Register Settings
If:
F(XTL) = frequency of external crystal or master clock connected to XTL1 input of THS8083
F(VCO) = frequency of THS8083–internal VCO
F(DTO) = frequency of THS8083–internal DTO
F(DTOCLK) = frequency of externally available DTO clock output
F(HS) = frequency of HS input
CLKDIV = clock output divider setting
VCODIV = feedback divider in THS8083–internal analog PLL loop
TERMCNT = feedback divider in THS8083–internal digital PLL loop
DTO_INC = DTO increment (when NOM_INC is programmed, DTO_INC is initialized to NOM_INC)
Then:
F(VCO) = F(XTL) x VCODIV
F(DTO) = 31 x F(VCO) / DTO_INC
F(DTOCLK) = F(DTO) / CLKDIV
AND, if PLL is locked:
F(DTOCLK) = TERMCNT * F(HS)
Summarizing:
DTO_INC = [31xF(XTL)xVCODIV] / [F(DTOCLK)xCLKDIV]
The formats of DTO_INC and NOM_INC:
Both are 33 bit values, consisting of a 6-bit integer and a 27-bit fractional part. So, in hexadecimal notation,
the value is between 00.0000000hex and 3F.7FFFFFFhex. The decimal value of the increment is: <integer
part>.<fractional part interpreted as integer value>x2^(–27).
Due to the architecture of the DTO, to all increment values with an integer part higher than 31, 1 needs to be
added when programming the register.
For example:
Actual increment –> Programmed increment
30.0
–>
30.0
31.0
–>
31.0
32.0
–>
33.0
Additional restrictions:
– CLKDIV should be chosen such that the programmed increment NOM_INC falls within the range [28.62]
Examples:
1.
For generating the XGA@75Hz pixel clock of 78.75 MHz, with F(XTL) = 14.31818 MHz & VCODIV=8:
NOM_INC = [31x14.31818x8]/[78.75x1] = 45.090802
Since this is higher than 31, the programmed value needs to be 46.090802. Converting this to the 6bit.27bit
notation, gives us 2E.0B9F645.
To achieve lock with an incoming HS, TERMCNT is programmed with 1312 (i.e., the total number of pixels
per line in this mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com