Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS8083CPZP Datasheet(PDF) 7 Page - Texas Instruments

Part # THS8083CPZP
Description  Triple 8-Bit, 80 MSPS, 3.3-V Video and Graphics Digitizer With Digital PLL
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS8083CPZP Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS8083CPZP Datasheet HTML 3Page - Texas Instruments THS8083CPZP Datasheet HTML 4Page - Texas Instruments THS8083CPZP Datasheet HTML 5Page - Texas Instruments THS8083CPZP Datasheet HTML 6Page - Texas Instruments THS8083CPZP Datasheet HTML 7Page - Texas Instruments THS8083CPZP Datasheet HTML 8Page - Texas Instruments THS8083CPZP Datasheet HTML 9Page - Texas Instruments THS8083CPZP Datasheet HTML 10Page - Texas Instruments THS8083CPZP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
1–1
1 Introduction
The THS8083 is a solution for digitizing video and graphic signals in RGB or YUV/YCbCr color spaces. The device
supports pixel rates up to 80 MHz. Therefore, it can be used for PC graphics digitizing up to the VESA standard of
XGA (1024 X 768) resolution at 75 Hz screen refresh rate, and in video environments for the digitizing of digital TV
formats, including HDTV.
The THS8083 is powered from a single 3.3-V supply and integrates a triple high-performance A/D converter with
clamping functions and variable gain, independently programmable for each channel. Separate clamping ranges are
provided for RGB and YUV operation modes of the device. The clamp timing window is provided by an external pulse
or can be generated internally.
The programmable gain amplifiers consist of coarse and fine gain control blocks. The THS8083 includes slicing
circuitry on the Y or G input to support sync-on-green or sync-on-luminance extraction. The THS8083 further contains
a completely digital PLL block, consisting of phase-frequency detector (PFD), discrete time oscillator (DTO) and
programmable divider to generate the (sampling) clock from the incoming horizontal sync (HS) signal, depending on
the incoming video resolution. Any pixel rate can be generated in the 10-80 MHz range. Moreover, the output phase
of the synthesized clock can be controlled with sub-pixel accuracy (31 uniform settings).
Programmable time constants allow the PLL loop bandwidth to be changed by the integrated PLL loop filter.
Alternatively, the user may bypass the PLL when an external pixel clock is available. Even then the DTO synthesized
clock is still available externally and can therefore be used in other parts of the (graphics) system. Extensive PLL and
input monitoring functions are integrated for typical functionality required in LCD/DMD monitor/projection systems
(input format detection, autocalibration).
All programming of the part is done via an industry-standard normal/fast I2C interface, which supports both reading
and writing of register settings. The THS8083 is available in a space-saving TQFP 100-pin PowerPAD
 package.
1.1
Features
The THS8083 supports the following features:
•
Analog Channels – Three digitizing channels, each with independently controllable clamp, PGA, and ADC.
–
Clamp: 256-step programmable RGB or YUV clamping during external or internal clamp timing window
–
PGA: 6-bit coarse/5-bit fine programmable gain amplifier
–
ADC: 8 bit 80 MSPS A/D converter
–
Composite sync: Integrated sync-on-green/sync-on-luminance extraction
–
Support for ac-coupled input signals
•
PLL
–
Fully integrated digital PLL (including loop filter) for pixel clock generation
–
10-80 MHz pixel clock generation from reference input
–
Adjustable PLL loop bandwidth for minimum jitter or fast acquisition/wide capture range modes
–
5-bit programmable subpixel accuracy positioning of sampling phase
–
Noise gates on HS input to avoid false PLL updating
PowerPAD is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com