Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82731T Datasheet(PDF) 2 Page - EPCOS

Part # B82731T
Description  Current-compensated E core double chokes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82731T Datasheet(HTML) 2 Page - EPCOS

  B82731T Datasheet HTML 1Page - EPCOS B82731T Datasheet HTML 2Page - EPCOS B82731T Datasheet HTML 3Page - EPCOS B82731T Datasheet HTML 4Page - EPCOS B82731T Datasheet HTML 5Page - EPCOS B82731T Datasheet HTML 6Page - EPCOS B82731T Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
10/08
Please read Cautions and warnings and
Important notes at the end of this document.
Rated voltage 250 V AC
Rated current 0.3 A to 1.8 A
Rated inductance 3.3 mH to 100 mH
Construction
■
Current-compensated double choke
■
Closed E ferrite core
■
Closed PET coil former with 4 sections (UL 94 V-0)
■
Without encapsulation
■
4-section winding
■
Clearances
> 2.5 mm, creepage distances > 3 mm
Features
■
High resonance frequency due to 2-section winding
■
High pulse strength
■
Low whirring noise
■
Approx. 2% stray inductance for symmetrical
interference suppression
■
Suitable for wave soldering
■
Design complies with EN 60938-2 (VDE 0565-2)
■
VDE and UL approval
■
RoHS-compatible
Applications
■
Suppression of common-mode interferences
■
Electronic ballasts for lamps
■
Switch-mode power supplies for consumer electronics
Terminals
■
Pins 0.64
× 0.64 (mm)
■
Lead spacing 10
× 10 (mm)
Marking
Manufacturer, rated current, rated inductance,
approvals, pin 1 marking, ordering code,
date of manufacture (YYWW), production place
Delivery mode
Blister tray in cardboard box
B82731T
Power line chokes
Current-compensated E core double chokes



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com