Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82731T Datasheet(PDF) 4 Page - EPCOS

Part # B82731T
Description  Current-compensated E core double chokes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82731T Datasheet(HTML) 4 Page - EPCOS

  B82731T Datasheet HTML 1Page - EPCOS B82731T Datasheet HTML 2Page - EPCOS B82731T Datasheet HTML 3Page - EPCOS B82731T Datasheet HTML 4Page - EPCOS B82731T Datasheet HTML 5Page - EPCOS B82731T Datasheet HTML 6Page - EPCOS B82731T Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
10/08
Please read Cautions and warnings and
Important notes at the end of this document.
Technical data and measuring conditions
Rated voltage VR
250 V AC (50/60 Hz)
Test voltage Vtest
1500 V AC, 2 s (line/line)
Rated temperature TR
40
°C
Rated current IR
Referred to 50 Hz and rated temperature
Rated inductance LR
Measured with Agilent 4284A at 10 kHz, 0.1 mA, 20 °C
Inductance is specified per winding.
Inductance tolerance
−30/+50% at 20 °C
Inductance decrease
ΔL/L
0
< 10% at DC magnetic bias with IR, 20 °C
Stray inductance Lstray,typ
Measured with Agilent 4284A at 10 kHz, 5 mA, 20 °C,
typical values
DC resistance Rtyp
Measured at 20 °C, typical values, specified per winding
Solderability (lead-free)
Sn96.5Ag3.0Cu0.5: (245
±5) °C, (3 ±0.3) s
Wetting of soldering area
≥ 95%
(to IEC 60068-2-20, test Ta)
Resistance to soldering heat
(wave soldering)
(260
±5) °C, (10 ±1) s
(to IEC 60068-2-20, test Tb)
Climatic category
40/125/56 (to IEC 60068-1)
Storage conditions (packaged)
–25 °C … +40 °C,
≤ 75% RH
Weight
Approx. 15 g
Approvals
EN 60938-2, UL 1283
B82731T
Power line chokes
Current-compensated E core double chokes



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com