Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82731T Datasheet(PDF) 5 Page - EPCOS

Part # B82731T
Description  Current-compensated E core double chokes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82731T Datasheet(HTML) 5 Page - EPCOS

  B82731T Datasheet HTML 1Page - EPCOS B82731T Datasheet HTML 2Page - EPCOS B82731T Datasheet HTML 3Page - EPCOS B82731T Datasheet HTML 4Page - EPCOS B82731T Datasheet HTML 5Page - EPCOS B82731T Datasheet HTML 6Page - EPCOS B82731T Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
10/08
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics and ordering codes
× = approval granted
Sample kit available. Ordering code: B82731X002
For more information refer to chapter “Sample kits”.
IR
A
LR
mH
Lstray,typ
μH
Rtyp
m
Ω
Ordering code
Approvals
0.30
100
2000
6600
B82731T2301A020
××
0.35
68
1300
4400
B82731T2351A020
××
0.45
47
950
2800
B82731T2451A020
××
0.55
39
800
2200
B82731T2551A020
××
0.65
27
550
1600
B82731T2651A020
××
0.8
15
300
950
B82731T2801A020
××
1.0
10
200
630
B82731T2102A020
××
1.3
6.8
140
370
B82731T2132A020
××
1.8
3.3
65
200
B82731T2182A020
××
Impedance |Z| versus frequency f
measured with windings in parallel at 20 °C
typical values
Current derating Iop/IR
versus ambient temperature TA
|Z|
f
IND0363-B
2
10
3
10
10 4
10 5
10 6
10 7
4
10
10 5
10 6
10 7
Hz
Ω
T2182A020
T2132A020
T2102A020
T2801A020
T2651A020
T2551A020
T2451A020
T2351A020
T2301A020
B82731
IND0373-A-E
0
0
TA
0.2
0.4
0.6
0.8
1.0
1.2
1.4
IR
op
I
R
T = 40 C
˚
20
40
60
80
100
140
C
˚
B82731T
Power line chokes
Current-compensated E core double chokes



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com