Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12020LAH Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12020LAH
Description  18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTH12020LAH Datasheet(HTML) 3 Page - Texas Instruments

  PTH12020LAH Datasheet HTML 1Page - Texas Instruments PTH12020LAH Datasheet HTML 2Page - Texas Instruments PTH12020LAH Datasheet HTML 3Page - Texas Instruments PTH12020LAH Datasheet HTML 4Page - Texas Instruments PTH12020LAH Datasheet HTML 5Page - Texas Instruments PTH12020LAH Datasheet HTML 6Page - Texas Instruments PTH12020LAH Datasheet HTML 7Page - Texas Instruments PTH12020LAH Datasheet HTML 8Page - Texas Instruments PTH12020LAH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
ELECTRICAL CHARACTERISTICS
PTH12020W/L
www.ti.com ............................................................................................................................................................. SLTS208I – MAY 2003 – REVISED MARCH 2009
TA = 25°C, VI =12 V, VO = 3.3 V, CI = 560 µF, CO = 0 µF, and Io = Iomax (unless otherwise noted)
PTH12020W
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
60C, 200 LFM airflow
0
18(1)
IO
Output current
A
25C, natural convection
0
18(1)
VI
Input voltage range
Over Io range
10.8
13.2
V
Votol
Set-point voltage tolerance
±2(2)
%Vo
ΔRegtemp
Temperature variation
–40°C <TA < 85°C
±0.5
%Vo
ΔRegline
Line regulation
Over VI range
5
mV
ΔRegload
Load regulation
Over Io range
5
mV
ΔRegtot
Total output variation
Includes set-point, line, load, –40C
≤ TA ≤ 85°C
±3(2)
%Vo
ΔVadj
Output voltage adjust range
Over VI range
1.2
5.5
V
RSET = 280 Ω, Vo = 5.0 V
95%
RSET = 2.0 kΩ, Vo = 3.3 V
93%
RSET = 4.32 kΩ, Vo = 2.5 V
92%
η
Efficiency
IO = 12 A
RSET = 11.5 kΩ, Vo = 1.8 V
90%
RSET = 24.3 kΩ, Vo = 1.5 V
88%
RSET = open ckt., Vo = 1.2 V
86%
Vo
≤ 2.5 V
32
mVpp
Vr
Vo ripple (pk-pk)
20 MHz bandwidth
Vo > 2.5 V
1
%Vo
Io trip
Over-current threshold
Reset, followed by auto-recovery
30
A
ttr
Recovery time
70
µSec
1 A/s load step, 50 to 100%
Transient response
Iomax,Cout =330 µF
ΔVtr
Vo over/undershoot
70
mV
ΔVomargin
Margin up/down adjust
±5%
IIL margin
Margin input current (pins 9 /10)
Pin to GND
–8 (3)
µA
IIL track
Track input current (pin 8)
Pin to GND
–0.13 (3)
mA
dVtrack/dt
Track slew rate capability
Cout ≤ Cout(max)
1
V/ms
VI increasing
9.7
10.4
UVLO
Undervoltage lockout
V
VI decreasing
8.8
9.2
VIH
Input high voltage, Referenced to GND
Open(4)
V
VIL
Inhibit control (pin 3)
Input low voltage, Referenced to GND
–0.2
0.5
IIL
Input low current, Pin 3 to GND
0.24
mA
II
Input standby current
Inhibit (pin 3) to GND, Track (pin 8) open
5
mA
ƒs
Switching frequency
Over VI and Io ranges
260
320
380
kHz
CI
External input capacitance
560 (5)
µF
Non-ceramic
0
330 (6)
9900 (7)
Capacitance value
µF
CO
External output capacitance
Ceramic
0
300
Equivalent series resistance (non-ceramic)
4 (8)
m
Ω
MTBF
Reliability
Per Bellcore TR-332, 50% stress, TA = 40°C, ground benign
5.3
106 Hrs
(1)
See SOA curves or consult factory for appropriate derating.
(2)
The set-point voltage tolerance is affected by the tolerance and stability of RSET. The stated limit is unconditionally met if RSET has a
tolerance of 1%, with 100 ppm/°C or better temperature stability.
(3)
A small low-leakage (<100 nA) MOSFET is recommended to control this pin. The open-circuit voltage is less than 1 Vdc.
(4)
This control pin is pulled up to an internal supply voltage. If this input is left open-circuit the module will operate when input power is
applied. A small low-leakage (<100 nA) MOSFET or open-drain/collector voltage supervisor IC is recommended for control. Do not place
an external pull-up on this pin. For further information, consult the related application note.
(5)
A 560
µF electrolytic input capacitor is required for proper operation. The capacitor must be rated for a minimum of 800 mA rms of ripple
current.
(6)
An external output capacitor is not required for basic operation. Adding 330
µF of distributed capacitance at the load will improve the
transient response.
(7)
This is the calculated maximum. The minimum ESR limitation will often result in a lower value. When controlling the Track pin using a
voltage supervisor, the maximum output capacitance is reduced to 6600
µF. Consult the application notes for further guidance.
(8)
This is the typical ESR for all the electrolytic (non-ceramic) output capacitance. Use 7 m
Ω as the minimum when using max-ESR values
to calculate.
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :PTH12020W/L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com