Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12020LAH Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12020LAH
Description  18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTH12020LAH Datasheet(HTML) 1 Page - Texas Instruments

  PTH12020LAH Datasheet HTML 1Page - Texas Instruments PTH12020LAH Datasheet HTML 2Page - Texas Instruments PTH12020LAH Datasheet HTML 3Page - Texas Instruments PTH12020LAH Datasheet HTML 4Page - Texas Instruments PTH12020LAH Datasheet HTML 5Page - Texas Instruments PTH12020LAH Datasheet HTML 6Page - Texas Instruments PTH12020LAH Datasheet HTML 7Page - Texas Instruments PTH12020LAH Datasheet HTML 8Page - Texas Instruments PTH12020LAH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT
1
FEATURES
APPLICATIONS
NOMINAL SIZE =
1.5 in x 0.87 in
(38,1 mm x 22,1 mm)
DESCRIPTION
PTH12020W/L
www.ti.com ............................................................................................................................................................. SLTS208I – MAY 2003 – REVISED MARCH 2009
ADJUST POWER MODULE
• Complex multi-voltage, multi-processor
2
• Up to 18 A Output Current
systems
• 12-V Input Voltage
• Wide-Output Voltage Adjust
(1.2 V to 5.5 V/(0.8 V to 1.8 V)
• Efficiencies up to 95%
• 195 W/in3 Power Density
• On/Off Inhibit
• Output Voltage Sense
• Pre-Bias Startup
• Under-Voltage Lockout
• Auto-Track™ Sequencing
• Margin Up/Down Controls
• Output Over-Current Protection
(Non-Latching, Auto-Reset)
• Over-Temperature Protection
• Operating Temperature: –40°C to 85°C
• Point-of-Load Alliance (POLA™) Compatible
• Safety Agency Approvals:
UL/IEC/CSA-22.2 60950-1
The PTH12020 series of non-isolated power modules offers OEM designers a combination of high performance,
small footprint, and industry leading features. As part of a new class of power modules, these products provide
designers with the flexibility to power the most complex multi-processor digital systems using off-the-shelf catalog
parts.
The series employs double-sided surface mount construction and provides highperformance step-down power
conversion for up to 18A of output current from a 12-V input bus voltage. The output voltage of the W-suffix parts
can be set to any value over the range, 1.2V to 5.5V. The L-suffix parts have an adjustment range of 0.8V to
1.8V. The output voltage is set using a single resistor.
This series includes Auto-Track™ sequencing. Auto-Track sequencing simplifies the task of supply voltage
sequencing in a power system by enabling modules to track each other, or any external voltage, during power up
and power down. Other operating features include an on/off inhibit, output voltage adjust (trim), margin up/down
controls, and the ability to start up into an existing output voltage or prebias. For improved load regulation, an
output voltage sense is provided. A non-latching over-current trip and overtemperature shutdown feature protects
against load faults.
Target applications include complex multivoltage, multiprocessor systems that incorporate the industry's
high-speed DSPs, microprocessors and bus drivers.
For start-up into a non-prebiased output, review page 14 in the Application Information section.
For start-up into a prebiased output, review page 18 in the Application Information section.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
POLA, TMS320 are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PTH12020LAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12020LAH TI-PTH12020LAH Datasheet
917Kb / 27P
18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12020LAH TI2-PTH12020LAH Datasheet
884Kb / 27P
18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
REVISED MARCH 2009
PTH12020LAH.B TI2-PTH12020LAH.B Datasheet
884Kb / 27P
18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
REVISED MARCH 2009
More results

Similar Description - PTH12020LAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12050W TI-PTH12050W Datasheet
350Kb / 18P
6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12060W TI-PTH12060W Datasheet
1Mb / 29P
10-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12020W TI-PTH12020W Datasheet
917Kb / 27P
18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12010W TI-PTH12010W Datasheet
997Kb / 27P
12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Astec America, Inc
ATH10K12 ASTEC-ATH10K12 Datasheet
416Kb / 13P
10-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
ATH18K12 ASTEC-ATH18K12 Datasheet
1Mb / 13P
18-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
ATH26K12 ASTEC-ATH26K12 Datasheet
1Mb / 16P
26-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12000W TI-PTH12000W Datasheet
575Kb / 19P
6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12000L TI1-PTH12000L Datasheet
572Kb / 19P
6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12050LAS TI1-PTH12050LAS Datasheet
1Mb / 26P
6-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com