Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12020LAH Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12020LAH
Description  18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTH12020LAH Datasheet(HTML) 14 Page - Texas Instruments

Back Button PTH12020LAH Datasheet HTML 10Page - Texas Instruments PTH12020LAH Datasheet HTML 11Page - Texas Instruments PTH12020LAH Datasheet HTML 12Page - Texas Instruments PTH12020LAH Datasheet HTML 13Page - Texas Instruments PTH12020LAH Datasheet HTML 14Page - Texas Instruments PTH12020LAH Datasheet HTML 15Page - Texas Instruments PTH12020LAH Datasheet HTML 16Page - Texas Instruments PTH12020LAH Datasheet HTML 17Page - Texas Instruments PTH12020LAH Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
POWER-UP INTO A NON-PREBIASED OUTPUT — AUTO-TRACK™ FUNCTION
UDG−06074
RSET
2 k
Ω
0.1 W
1 %
CO
330
µF
CI
560
µF
2
8
1
7
3
9
10
PTH12060W
4
6
+
GND
L
O
A
D
Q1
BSS138
1=Turn−Off
+
Margin
Down
Margin
Up
Inhibit
Track
GND
GND
VoAdj
5
VO
VO
VOSense
VI
PTH12020W/L
SLTS208I – MAY 2003 – REVISED MARCH 2009 ............................................................................................................................................................. www.ti.com
The Auto-Track function is unique to the PTH/PTV family, and is available with all POLA products. Auto-Track
was designed to simplify the amount of circuitry required to make the output voltage from each module power up
and power down in sequence. The sequencing of two or more supply voltages during power up is a common
requirement for complex mixed-signal applications that use dual-voltage VLSI ICs such as the TMS320™ DSP
family, microprocessors, and ASICs.
Basic Power-Up using Auto-Track™
For applications requiring output voltage on/off control, each series of the PTH family incorporates the track
control pin. The Auto-Track feature should be used instead of the inhibit feature wherever there is a requirement
for the output voltage from the regulator to be turned on/off.
Figure 12 shows the typical application for basic start-up. Note the discrete transistor (Q1). The track input has
its own internal pull-up to a potential of 5 V to 13.2 V The input is not compatible with TTL logic devices. An
open-collector (or open-drain) discrete transistor or supply voltage supervisor (TPS3808 or TPS7712) is
recommended for control.
Figure 12. Basic Start-up Control Circuit
Turning on Q1 applies a low voltage to the track control pin and disables the output of the module. If Q1 is then
turned off, the output ramps immediately to the regulated output voltage. A regulated output voltage is produced
within 35 ms. With the initial application of the input source voltage, the track pin must be held low (Q1 turned
ON) for at least 40 ms. Figure 13 shows the typical rise in both the output voltage and input current, following the
turn off of Q1. The turn off of Q1 corresponds to the rise in the waveform, Q1 Vds. The waveforms were
measured with a 10-A constant current load.
14
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s) :PTH12020W/L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com