Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB3200RSVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TS3USB3200RSVR
Description  DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch with ID Select and Flexible Power Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS3USB3200RSVR Datasheet(HTML) 2 Page - Texas Instruments

  TS3USB3200RSVR Datasheet HTML 1Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 2Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 3Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 4Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 5Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 6Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 7Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 8Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
3
4
5
6
7
8
14
15
16
GND
D+
D-
PSEL
SEL2
MHL-
MHL+
ID_USB
1
13
9
10
11
12
TS3USB3200
SCDS333 – JUNE 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PIN DESCRIPTION
PIN FUNCTIONS
PIN
DESCRIPTION
NO.
NAME
TYPE
1
GND
Ground
Ground
2
D+
I/O
Data Switch Output (Differential +)
3
D–
I/O
Data Switch Output (Differential –)
4
PSEL
Input
Power Source Select Line
5
SEL1
Input
Control Input Select Line 1
6
USB–
I/O
USB Data (Differential –)
7
USB+
I/O
USB Data (Differential +)
8
GND
Ground
Ground
9
SEL2
Input
Control Input Select Line 2
10
MHL–
I/O
MHL Data (Differential–)
11
MHL+
I/O
MHL Data (Differential +)
12
ID_USB
I/O
ID Output for USB
13
ID_MHL
I/O
ID Output for MHL
14
ID_COM
I/O
ID Common
15
VBUS
Power
Alternative Device Power
16
VCC
Power
Power supply
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TS3USB3200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com