Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB3200RSVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TS3USB3200RSVR
Description  DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch with ID Select and Flexible Power Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS3USB3200RSVR Datasheet(HTML) 4 Page - Texas Instruments

  TS3USB3200RSVR Datasheet HTML 1Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 2Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 3Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 4Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 5Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 6Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 7Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 8Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
D+
D-
MicroUSB
Connector
D+
D-
ID_
GND
VBUS
USB DM
DP
DM
ID
USB+
USB-
USB
VBUS
MHL+
MHL-
ID MHL
MHL+
MHL-
CBUS
HDMI
USB DP
UART TX
UART RX
AUDIO_
AUDIO
MIC
VSUPPLY
Baseband or
Application
Processor
TSU5611
HDMI to
MHL Bridge
TS3USB3200
VBAT
To
Battery
Charger
SEL
SEL
VBUS
ID
GND
VCC
PSEL
D+
D-
MicroUSB
Connector
D+
D-
ID COM
GND
VBUS
100Ω
USB DM
DP
DM
ID
USB+
USB-
USB
VBUS
MHL+
MHL-
MHL
MHL+
MHL-
CBUS
HDMI
USB DP
UART
UART RX
AUDIO
AUDIO_
MIC
SUPPLY
Baseband or
Application
Processor
TSU5611
HDMI to
MHL Bridge
TS3USB3200
VBAT
To
Battery
Charger
SEL
SEL
VBUS
ID
GND
VCC
PSEL
TS3USB3200
SCDS333 – JUNE 2012
www.ti.com
TYPICAL APPLICATION
During manufacturing test when battery power is not available, the TS3USB3200 can be configured, as shown in
the figure below, to be powered by VBUS through the microUSB connector. The control pins (SEL1 and SEL2)
have built-in 6M
Ω pull-down resistors to ensure the USB paths are enabled for TS3USB3200 and allow
connectivity to the TSU5611 USB accessory switch.
The TS3USB3200 can also be powered by the mobile device’s standalone battery. The diagram below shows a
typical implementation. The VBUS pin of the TS3USB3200 can simply be grounded under such conditions.
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TS3USB3200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com