Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB3200RSVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TS3USB3200RSVR
Description  DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch with ID Select and Flexible Power Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS3USB3200RSVR Datasheet(HTML) 3 Page - Texas Instruments

  TS3USB3200RSVR Datasheet HTML 1Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 2Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 3Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 4Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 5Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 6Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 7Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 8Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
TS3USB3200
www.ti.com
SCDS333 – JUNE 2012
Table 1. Function Table (Power Source)
VCC
VBUS
PSEL(1)
POWER SOURCE
L
L
X
No Power. All I/O in High-Z
L
H
X
VBUS
H
L
X
VCC
H
H
L
VCC
H
H
H
VBUS
(1)
The PSEL pin has 6M
Ω weak pull-down resistor to GND to make its default value to be LOW.
Table 2. Function Table (Signal and ID Select)
SEL1(1)
SEL2(1)
CONNECTION
High-Z
L
L
D+/D– to USB+/USB–, ID_COM to ID_USB
MHL+/MHL–, ID_MHL
L
H
D+/D– to USB+/USB–, ID_COM to ID_MHL
MHL+/MHL–, ID_USB
H
L
D+/D– to MHL+/MHL–, ID_COM to ID_USB
USB+/USB–, ID_MHL
H
H
D+/D– to MHL+/MHL–, ID_COM to ID_MHL
USB+/USB–, ID_USB
(1)
The SEL1 and SEL2 pins have 6M
Ω weak pull-down resistor to GND to make their default value to be
LOW.
Table 3. Summary of Typical Characteristics
MHL PATH
USB PATH
ID PATH
Number of switches
2
2
2
ON-state resistance (ron)
5.7
Ω
4.6
Ω
6.5
Ω
ON-state resistance match (
Δron)
<0.4
Ω
<0.4
Ω
<0.4
Ω
ON-state capacitance (CI/O,on)
2.5 pF
2.5 pF
3.0 pF
Bandwidth (BW)
6 GHz
6 GHz
2.2 GHz
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TS3USB3200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com