Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Toolstick-BA Datasheet(PDF) 7 Page - Silicon Laboratories

Part # Toolstick-BA
Description  Si4455 EZRADIO짰 TWO-WAY LINK DEMO KIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Toolstick-BA Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button Toolstick-BA Datasheet HTML 3Page - Silicon Laboratories Toolstick-BA Datasheet HTML 4Page - Silicon Laboratories Toolstick-BA Datasheet HTML 5Page - Silicon Laboratories Toolstick-BA Datasheet HTML 6Page - Silicon Laboratories Toolstick-BA Datasheet HTML 7Page - Silicon Laboratories Toolstick-BA Datasheet HTML 8Page - Silicon Laboratories Toolstick-BA Datasheet HTML 9Page - Silicon Laboratories Toolstick-BA Datasheet HTML 10Page - Silicon Laboratories Toolstick-BA Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Si4455-2Wa yLink-DEMO
Rev. 0.1
7
2.4.1. Menu States
2.4.1.1. Ready State
In Ready state the demo waits for command.
This is the default state of the demo. The demo starts in Ready state after switched on and goes to Ready state
after leaving the configuration menu. PB1 can push the demo to RX state.
State display:
LED3 is on
LED1-LED2 and LED4 is off by default
Option:
PB1: switches to RX state
2.4.1.2. RX State
In RX state the node waits for incoming packets with the same node address. If packet is received it sends ACK
packet and recalculates the PER.
State display:
LED1 is on
LED2–4 is off by default
LED2 blinks if packet received
LED3 & LED4 shows the actual PER (see Table 4)
Buzzer informs about actual PER (see Table 4)
Options:
PB1: switches to TX state
PB3: switches to Ready state
PB4: resets PER (only receiver’s PER will be reset)
PB2 + PB4: switches to the configuration menu
Table 4. Packet Error Rate on the LEDs and Buzzer
LED3
LED4
Buzz
PER < 1%
off
off
off
PER > 1%
on
off
1 Hz
PER > 5%
off
on
2 Hz
PER > 20%
on
on
on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com