Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Toolstick-BA Datasheet(PDF) 8 Page - Silicon Laboratories

Part # Toolstick-BA
Description  Si4455 EZRADIO짰 TWO-WAY LINK DEMO KIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Toolstick-BA Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button Toolstick-BA Datasheet HTML 4Page - Silicon Laboratories Toolstick-BA Datasheet HTML 5Page - Silicon Laboratories Toolstick-BA Datasheet HTML 6Page - Silicon Laboratories Toolstick-BA Datasheet HTML 7Page - Silicon Laboratories Toolstick-BA Datasheet HTML 8Page - Silicon Laboratories Toolstick-BA Datasheet HTML 9Page - Silicon Laboratories Toolstick-BA Datasheet HTML 10Page - Silicon Laboratories Toolstick-BA Datasheet HTML 11Page - Silicon Laboratories Toolstick-BA Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Si4455-2WayLink-DEMO
8
Rev. 0.1
2.4.1.3. TX State
In TX state the node sends packets to the receiver repeatedly with half second timeout including the node address.
After sending the packet, transmitter waits for ACK packet until the half second transmit timeout. The transmitter
recalculates its PER after receiving the ACK packet or timeout occurred.
State display:
All LEDs are off by default
LED1 blinks if packet sent
LED2 blinks if ACK packet received
LED3 & LED4 shows the actual PER (see Table 3)
Buzzer informs about actual PER (see Table 3)
Options:
PB3: switches to RX state
PB4: resets PER (resets both the receiver’s and transmitter’s PER)
PB2 + PB4: switches to the configuration menu
2.4.1.4. Configuration Menu
The user can change demo parameters in the configuration menu.
State display:
All LEDs blink together
Options:
PB1: switches to address configuration menu
PB2: switches to frequency configuration menu
PB3: switches to data rate configuration menu
PB4: switches to modulation configuration menu
PB2 + PB4: restores defaults
2.4.1.5. Address Configuration Menu
The user can set new node address in this menu state.
State Display:
LED1 blinks
Set the Configuration:
Set the node address on the switches in binary format.
Be aware that the direction of the switches is reversed than the bit locations in the binary number (LSB
representation).
Example: If the required node address is 10 (binary 1010), set SW2 & SW4 to on and SW1 & SW3 to off
(see Figure 4).
Figure 4. Address Configuration Example (10)
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com