Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Toolstick-BA Datasheet(PDF) 9 Page - Silicon Laboratories

Part # Toolstick-BA
Description  Si4455 EZRADIO짰 TWO-WAY LINK DEMO KIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Toolstick-BA Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button Toolstick-BA Datasheet HTML 5Page - Silicon Laboratories Toolstick-BA Datasheet HTML 6Page - Silicon Laboratories Toolstick-BA Datasheet HTML 7Page - Silicon Laboratories Toolstick-BA Datasheet HTML 8Page - Silicon Laboratories Toolstick-BA Datasheet HTML 9Page - Silicon Laboratories Toolstick-BA Datasheet HTML 10Page - Silicon Laboratories Toolstick-BA Datasheet HTML 11Page - Silicon Laboratories Toolstick-BA Datasheet HTML 12Page - Silicon Laboratories Toolstick-BA Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Si4455-2Wa yLink-DEMO
Rev. 0.1
9
Options:
PB1:

Stores new settings

Result: blinks all LED once

Next state: Ready state
2.4.1.6. Frequency Configuration Menu
The user can set the communication frequency in this menu state.
State Display:
LED2 blinks
Set the Configuration:
Set the frequency number on the switches by their frequency number:

Custom: SW1–SW4 are on

Freq. num. 1: SW1 is on, all others are off

Freq. num. 2: SW2 is on, all others are off

Freq. num. 3: SW3 is on, all others are off

Freq. num. 4: SW4 is on, all others are off
In case of wrong selection is set or the selected frequency number is not supported (e.g., no custom
frequency is stored) the default frequency of the used frequency band will be selected.
Options:
PB2:

Stores new settings

Results:
i. Blinks all LEDs once if selection is OK.
ii. Blinks LED4 and beeps buzzer once if the parameter had to be set to default because of an
unsupported selection.

Next State: Ready state
2.4.1.7. Data Rate Configuration Menu
The user can set the communication data rate in this menu state.
State Display:
LED3 blinks
Set the Configuration:
Set the data rate number on the switches by their frequency number:

Custom: SW1 – SW4 are on

Data rate num. 1: SW1 is on, all others are off

Data rate num. 2: SW2 is on, all others are off

Data rate num. 3: SW3 is on, all others are off
In case of wrong selection is set or the selected data rate number is not supported (e.g. no custom data
rate is stored) the default data rate will be selected.
Options:
PB3:

Stores new settings

Results:
i. blinks all LED once if selection is OK
ii. blinks LED4 and beeps buzzer once if parameter had to be set to default because of not
supported selection

Next state: Ready state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com