Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1525 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM1525
Description  Discovery kit for STM32 F0 microcontrollers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1525 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM1525 Datasheet HTML 18Page - STMicroelectronics UM1525 Datasheet HTML 19Page - STMicroelectronics UM1525 Datasheet HTML 20Page - STMicroelectronics UM1525 Datasheet HTML 21Page - STMicroelectronics UM1525 Datasheet HTML 22Page - STMicroelectronics UM1525 Datasheet HTML 23Page - STMicroelectronics UM1525 Datasheet HTML 24Page - STMicroelectronics UM1525 Datasheet HTML 25Page - STMicroelectronics UM1525 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
Hardware and layout
UM1525
22/41
Doc ID 022910 Rev 2
PA10
1_RX,
1_CH3,
17_BKIN,
TSC_G4_IO2
43
23
PA11
1_CTS,
1_CH4,
1_OUT,
TSC_G4_IO3,
EVENTOUT
44
22
PA12
1_RTS,
1_ETR,
2_OUT,
TSC_G4_IO4,
EVENTOUT
45
21
PA13
IR_OUT,
SWDAT
46
4
20
PA14
2_TX,
SWCLK
49
2
17
PA15
1_NSS / 1_WS,
2_RX,
2_CH1_ETR,
EVENTOUT
50
16
PB0
IN8,
3_CH3,
1_CH2N,
TSC_G3_IO2,
EVENTOUT
26
27
PB1
IN9,
3_CH4,
14_CH1,
1_CH3N,
TSC_G3_IO3
27
28
PB2 or
NPOR
(1.8V
mode)
TSC_G3_IO4
28
29
PB3
1_SCK / 1_CK,
2_CH2,
TSC_G5_IO1,
EVENTOUT
55
6
11
Table 6.
MCU pin description versus board function (page 3 of 7)
MCU pin
Board function
Main
function
Alternate
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com