Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1525 Datasheet(PDF) 30 Page - STMicroelectronics

Part # UM1525
Description  Discovery kit for STM32 F0 microcontrollers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1525 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button UM1525 Datasheet HTML 26Page - STMicroelectronics UM1525 Datasheet HTML 27Page - STMicroelectronics UM1525 Datasheet HTML 28Page - STMicroelectronics UM1525 Datasheet HTML 29Page - STMicroelectronics UM1525 Datasheet HTML 30Page - STMicroelectronics UM1525 Datasheet HTML 31Page - STMicroelectronics UM1525 Datasheet HTML 32Page - STMicroelectronics UM1525 Datasheet HTML 33Page - STMicroelectronics UM1525 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
Connecting modules on the prototyping board
UM1525
30/41
Doc ID 022910 Rev 2
5.2
ST MEMS “adapter boards”, standard DIL24 socket
STMicroelectronics has defined a standard DIL24 connector to easily evaluate its MEMS
sensors connected to a microcontroller through SPI or I2C communications.
Table 9 is one solution for connecting the DIL24 boards to the STM32F0DISCOVERY, this
solution is used in different examples and available at www.st.com/stm32f0discovery.
Table 9.
Connecting with a DIL24 board
ST MEMS DIL24 Eval board
STM32F0DISCOVERY
P01
VDD Power supply
3V
VDD
P02
Vdd_IO Power supply for I/O pins
3V
VDD
P03
NC
P04
NC
P05
NC
P06
NC
P07
NC
P08
NC
P09
NC
P10
NC
P11
NC
P12
NC
P13
GND 0V supply
GND
GND
P14
INT1 Inertial interrupt 1
PB12
GPIO INPUT EXTI (5V tolerant)
P15
INT2 inertial interrupt 2
PB11
GPIO INPUT EXTI (5V tolerant)
P16
NC
P17
NC
P18
NC
P19
CS - 0:SPI enabled 1:I2C mode
PA11
GPIO OUTPUT (5V tolerant)
P20
SCL (I2C serial clock)
SPC (SPI serial clock)
PB6
PB3
I2C1_SCL
SPI1_SCK
P21
SDA I2C Serial Data
SDI SPI Serial Data Input
PB7
PB5
I2C1_SDA
SPI1_MOSI
P22
SDO SPI Serial Data Output
I2C less significant bit of the device address
PB4
SPI1_MISO
P23
NC
P24
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com