Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1525 Datasheet(PDF) 25 Page - STMicroelectronics

Part # UM1525
Description  Discovery kit for STM32 F0 microcontrollers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1525 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UM1525 Datasheet HTML 21Page - STMicroelectronics UM1525 Datasheet HTML 22Page - STMicroelectronics UM1525 Datasheet HTML 23Page - STMicroelectronics UM1525 Datasheet HTML 24Page - STMicroelectronics UM1525 Datasheet HTML 25Page - STMicroelectronics UM1525 Datasheet HTML 26Page - STMicroelectronics UM1525 Datasheet HTML 27Page - STMicroelectronics UM1525 Datasheet HTML 28Page - STMicroelectronics UM1525 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
UM1525
Hardware and layout
Doc ID 022910 Rev 2
25/41
PC14-
OSC32_
IN
OSC32_IN
3
5
PC15-
OSC32_
OUT
OSC32_OUT
4
6
PD2
3_ETR
54
12
PF0-
OSC_IN
OSC_IN
5
7
PF1-
OSC_
OUT
OSC_OUT
6
8
PF4
EVENTOUT
18
19
PF5
EVENTOUT
19
20
PF6
2_SCL
47
19
PF7
2_SDA
48
18
VBAT
VBAT
1
3
VDD_1
64
VDD_2
32
VDDA
13
VSS_1
63
VSS_2
31
VSSA
12
5V
1
3V
1
5
2
2
3
Table 6.
MCU pin description versus board function (page 6 of 7)
MCU pin
Board function
Main
function
Alternate
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com