Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Std Datasheet(PDF) 4 Page - Texas Instruments

Part # Std
Description  2-A to 6-A Integrated Power Solution
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

Std Datasheet(HTML) 4 Page - Texas Instruments

  Std Datasheet HTML 1Page - Texas Instruments Std Datasheet HTML 2Page - Texas Instruments Std Datasheet HTML 3Page - Texas Instruments Std Datasheet HTML 4Page - Texas Instruments Std Datasheet HTML 5Page - Texas Instruments Std Datasheet HTML 6Page - Texas Instruments Std Datasheet HTML 7Page - Texas Instruments Std Datasheet HTML 8Page - Texas Instruments Std Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TP16
TP15
Metal Ground Barrel
Probe Tip
Getting Started
www.ti.com
The V
IN scope and VOUT scope test points can be used to monitor VIN and VOUT waveforms with an
oscilloscope. These test points are intended for use with un-hooded scope probes. The scope probe tip
should be connected to the socket labeled VIN or VOUT, and the scope ground barrel should lean against
to the test point labeled GND. The GND TP may need to be cut or bent slightly to hold the probe barrel.
Figure 2. Tip and Barrel Measurement
The control test points located directly below the TPS84x10 IPS device are made available to test the
features of the device. Any external connections made to these test points should be referenced to either
of the two control ground test points located along the bottom of the EVM. Refer to Section 4 of this user
guide for more information on the individual control test points.
The V
OUT-select and FSW-select configuration jumpers are provided for selecting the desired output voltage
and appropriate switching frequency. Before applying power to the EVM, ensure that the jumpers are
present and properly positioned for the intended output voltage. Refer to Table 2 for the recommended
jumper settings. Always remove input power before changing the jumper settings.
Once the jumper settings have been confirmed, configure the host input supply to apply the appropriate
bus voltage listed in Table 2 and confirm that the selected output voltage is obtained.
Table 2. Output Voltage and Switching Frequency Jumper Settings
V
OUT SELECT
TPS84210, F
SW
TPS84410, F
SW
TPS84610, F
SW
V
IN BUS VOLTAGE
SELECT
SELECT
SELECT
3.3 V
1.5 MHz
1 MHz
-
5 V
2.5 V
1.5 MHz
1 MHz
-
5 V
1.8 V
1 MHz
1 MHz
-
5 V or 3.3 V
1.2 V
750 kHz
750 kHz
-
5 V or 3.3 V
0.8 V
650 kHz
650 kHz
-
5 V or 3.3 V
4
TPS84410EVM-001/TPS84210EVM-002/TPS84610EVM-003, 2-A to 6-A
SLUU633A
– September 2011 – Revised February 2012
Integrated Power Solution
Submit Documentation Feedback
Copyright
© 2011–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com