Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Std Datasheet(PDF) 5 Page - Texas Instruments

Part # Std
Description  2-A to 6-A Integrated Power Solution
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

Std Datasheet(HTML) 5 Page - Texas Instruments

  Std Datasheet HTML 1Page - Texas Instruments Std Datasheet HTML 2Page - Texas Instruments Std Datasheet HTML 3Page - Texas Instruments Std Datasheet HTML 4Page - Texas Instruments Std Datasheet HTML 5Page - Texas Instruments Std Datasheet HTML 6Page - Texas Instruments Std Datasheet HTML 7Page - Texas Instruments Std Datasheet HTML 8Page - Texas Instruments Std Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
www.ti.com
Test Point Descriptions
4
Test Point Descriptions
Fourteen wire-loop test points have been provided as convenient connection points for digital voltmeters
(DVM) or oscilloscope probes to aid in the evaluation of the IPS device. A via labled PH is available near
U1 to scope on the switching frequency. A description of each test point is listed in Table 3
Table 3. Test Point Descriptions
TEST POINT
DESCRIPTION
VIN
Input voltage monitor. Connect DVM to this point for measuring efficiency.
VOUT
Output voltage monitor. Connect DVM to this point for measuring efficiency, line regulation, and
load regulation.
GND
Input and output voltage monitor grounds (located between terminal blocks). Reference the above
DVMs to any of these four ground points.
VIN (scope)
Input voltage scope monitor. Connect an oscilloscope to this set of points to measure input ripple
voltage.
VOUT (scope)
Output voltage scope monitor. Connect an oscilloscope to this set of points to measure output
ripple voltage and transient response.
PWRGD
Monitors the power good signal of the IPS device. This is an open drain signal that requires an
external pull-up resistor to V
IN if monitoring is desired. A 10-kΩ to 100-kΩ pull-up resistor is
recommended. PWRGD is high if the output voltage is within 92% to 106% of its nominal value.
INH/UVLO
Connect this point to control ground to inhibit the IPS device. Allow this point to float to enable the
device. Do not use a pull-up resistor. An external resistor can be connected from this point to
control ground to increase the under-voltage lockout (UVLO) of the device.
RT/CLK
Connects to the RT/CLK pin of the IPS device. An external clock signal can be applied to this
point to synchronize the device to an appropriate frequency.
SS/TR
Connects to the internal slow-start capacitor of the IPS device. An external capacitor can be
connected from this point to control ground to increase the slow-start time of the device. This
point can also be used as an input for tracking applications.
GND
Control grounds (located along bottom of EVM). Reference any signals associated with the
control test points to either of these two ground points.
5
Operation Notes
The UVLO threshold of the factory-stock EVM is approximately 3.05 V with 0.3 V of hysteresis. The input
voltage must be above the UVLO threshold in order to startup the IPS device. The UVLO threshold can be
increased by adding a resistor to the INH/UVLO test point as described above. After startup, the minimum
input voltage to the IPS device must be at least 2.95 V or (V
OUT + 1.1 V), whichever is greater, in order to
produce a regulated output. The maximum operating input voltage for the IPS device is 6 V. Refer to the
TPS84410 datasheet for further information on the input voltage range and UVLO operation.
After application of the proper input voltage, the output voltage of the IPS device will ramp to its final value
in approximately 1 ms. If desired, this soft-start time can be increased by adding a capacitor to the SS/TR
test point as described above. Refer to the TPS84410 datasheet for further information on adjusting the
soft-start time.
Table 1 lists the recommended switching frequencies for each of the V
OUT selections. These
recommendations cover operation over a wide range of input voltage and output load conditions. Several
factors such as duty cycle, minimum on-time, minimum off-time, and current limit influence selection of the
appropriate switching frequency. In some applications, other switching frequencies might be used for
particular output voltages, depending on the above factors. Refer to the TPS84410 datasheet for further
information on switching frequency selection, including synchronization.
5
SLUU633A
– September 2011 – Revised February 2012
TPS84410EVM-001/TPS84210EVM-002/TPS84610EVM-003, 2-A to 6-A
Integrated Power Solution
Submit Documentation Feedback
Copyright
© 2011–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com