Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Std Datasheet(PDF) 10 Page - Texas Instruments

Part # Std
Description  2-A to 6-A Integrated Power Solution
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

Std Datasheet(HTML) 10 Page - Texas Instruments

Back Button Std Datasheet HTML 5Page - Texas Instruments Std Datasheet HTML 6Page - Texas Instruments Std Datasheet HTML 7Page - Texas Instruments Std Datasheet HTML 8Page - Texas Instruments Std Datasheet HTML 9Page - Texas Instruments Std Datasheet HTML 10Page - Texas Instruments Std Datasheet HTML 11Page - Texas Instruments Std Datasheet HTML 12Page - Texas Instruments Std Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
List of Material
www.ti.com
8
List of Material
Table 4. TPS84x10EVM-00x List of Material
(1) (2) (3) (4) (5)
-003
-002
-001
REF DES
DESCRIPTION
Part Number
MFR
1
1
1
C1
Capacitor, ceramic, 10 V, x5R, 10%, 47
µF,
GRM32ER61A476K
Murata
1210
1
1
1
C2
Capacitor, ceramic, 6.3 V, x5R, 20%, 47
µF,
GRM32ER60J476M
Murata
1210
1
1
1
C7
Capacitor, polymer, 10 V, 20%, 220
µF, D3L
10TPE220ML
Sanyo
0
0
0
C8
Capacitor, polymer, 10 V, 20%, 220
µF, D3L
10TPE220ML
Sanyo
1
1
1
C4
Capacitor, polymer, 6.3 V, 20%, 100
µF, B2
6TPE100MPB
Sanyo
0
0
0
C3, C5, C6
Capacitor, ceramic, 0.1
µF, 1210
Std
STD
0
0
0
10
Capacitor, ceramic, 0.01
µF, 0402
STD
STD
2
2
2
J1-2
Header, male 2 x 5 pin, 100-mil spacing, 0.100
PEC05DAAN
Sullins
inch x 5 inch x 2 inch
1
1
1
R3
Resistor, chip, 1/16 W, 1%, 2.87 k
Ω, 0603
STD
STD
1
1
1
R4
Resistor, chip, 1/16 W, 1%, 1.15 k
Ω, 0603
STD
STD
1
1
1
R5
Resistor, chip, 1/16 W, 1%, 681
Ω, 0603
STD
STD
1
1
1
R6
Resistor, chip, 1/16 W, 1%, 464
Ω, 0603
STD
STD
1
1
1
R7
Resistor, chip, 1/16 W, 1%, 348 k
Ω, 0603
STD
STD
1
1
1
R8
Resistor, chip, 1/16 W, 1%, 715 k
Ω, 0603
STD
STD
1
1
1
R9
Resistor, chip, 1/16 W, 1%, 1.2 M
Ω, 0603
STD
STD
1
1
1
R10
Resistor, chip, 1/16 W, 5%, 0
Ω, 0603
STD
STD
1
1
1
R13
Resistor, chip, 1/16 W, 1%, 174 k
Ω, 0603
STD
STD
1
1
1
R14
Resistor, chip, 1/16 W, 1%, 113 k
Ω, 0603
STD
STD
0
0
0
R1, R2, R11,
Resistor, chip, 1/16 W, 1%, 100 k
Ω, 0402
Std
Std
R12
(1)
These assemblies are ESD sensitive, ESD precautions shall be observed.
(2)
These assemblies must be clean and free from flux and all contaminants. Use of no clean flux is not acceptable.
(3)
These assemblies must comply with workmanship standards IPC-A-610 Class 2.
(4)
Ref designators marked with an asterisk (
'**') cannot be substituted. All other components can be substituted with equivalent
MFG
's component.
(5)
Install label after final wash. Text shall be 8 pt font. Text shall be per Table 5.
10
TPS84410EVM-001/TPS84210EVM-002/TPS84610EVM-003, 2-A to 6-A
SLUU633A
– September 2011 – Revised February 2012
Integrated Power Solution
Submit Documentation Feedback
Copyright
© 2011–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com