Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC245AIPWREP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC245AIPWREP
Description  OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC245AIPWREP Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC245AIPWREP Datasheet HTML 1Page - Texas Instruments SN74LVC245AIPWREP Datasheet HTML 2Page - Texas Instruments SN74LVC245AIPWREP Datasheet HTML 3Page - Texas Instruments SN74LVC245AIPWREP Datasheet HTML 4Page - Texas Instruments SN74LVC245AIPWREP Datasheet HTML 5Page - Texas Instruments SN74LVC245AIPWREP Datasheet HTML 6Page - Texas Instruments SN74LVC245AIPWREP Datasheet HTML 7Page - Texas Instruments SN74LVC245AIPWREP Datasheet HTML 8Page - Texas Instruments SN74LVC245AIPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
(1)
SN74LVC245A-EP
OCTAL BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS741B – DECEMBER 2003 – REVISED AUGUST 2005
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
6.5
V
VI
Input voltage range(2)
–0.5
6.5
V
VO
Voltage range applied to any output in the high-impedance or power-off state(2)
–0.5
6.5
V
VO
Voltage range applied to any output in the high or low state(2)(3)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Continuous current through VCC or GND
±100
mA
θ
JA
Package thermal impedance(4)
83
°C/W
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The value of VCC is provided in the recommended operating conditions table.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
TA = 25°C
–40
°C to 85°C
UNIT
MIN
MAX
MIN
MAX
Operating
1.65
3.6
1.65
3.6
VCC
Supply voltage
V
Data retention only
1.5
1.5
VCC = 1.65 V to 1.95 V
0.65
× V
CC
0.65
× V
CC
VIH
High-level input voltage
VCC = 2.3 V to 2.7 V
1.7
1.7
V
VCC = 2.7 V to 3.6 V
2
2
VCC = 1.65 V to 1.95 V
0.35
× V
CC
0.35
× V
CC
VIL
Low-level input voltage
VCC = 2.3 V to 2.7 V
0.7
0.7
V
VCC = 2.7 V to 3.6 V
0.8
0.8
VI
Input voltage
0
5.5
0
5.5
V
VO
Output voltage
0
VCC
0
VCC
V
VCC = 1.65 V
–4
–4
VCC = 2.3 V
–8
–8
IOH
High-level output current
mA
VCC = 2.7 V
–12
–12
VCC = 3 V
–24
–24
VCC = 1.65 V
4
4
VCC = 2.3 V
8
8
IOL
Low-level output current
mA
VCC = 2.7 V
12
12
VCC = 3 V
24
24
∆t/∆v
Input transition rise or fall rate
10
10
ns/V
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com