Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC245AIPWREP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC245AIPWREP
Description  OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC245AIPWREP Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC245AIPWREP Datasheet HTML 1Page - Texas Instruments SN74LVC245AIPWREP Datasheet HTML 2Page - Texas Instruments SN74LVC245AIPWREP Datasheet HTML 3Page - Texas Instruments SN74LVC245AIPWREP Datasheet HTML 4Page - Texas Instruments SN74LVC245AIPWREP Datasheet HTML 5Page - Texas Instruments SN74LVC245AIPWREP Datasheet HTML 6Page - Texas Instruments SN74LVC245AIPWREP Datasheet HTML 7Page - Texas Instruments SN74LVC245AIPWREP Datasheet HTML 8Page - Texas Instruments SN74LVC245AIPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
www.ti.com
Operating Characteristics
SN74LVC245A-EP
OCTAL BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS741B – DECEMBER 2003 – REVISED AUGUST 2005
T
A = 25°C
TEST
PARAMETER
VCC
TYP
UNIT
CONDITIONS
1.8 V
42
Outputs enabled
2.5 V
43
3.3 V
45
Cpd
Power dissipation capacitance per transceiver
f = 10 MHz
pF
1.8 V
1
Outputs disabled
2.5 V
1
3.3 V
2
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com