Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC245AIPWREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC245AIPWREP
Description  OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC245AIPWREP Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC245AIPWREP Datasheet HTML 1Page - Texas Instruments SN74LVC245AIPWREP Datasheet HTML 2Page - Texas Instruments SN74LVC245AIPWREP Datasheet HTML 3Page - Texas Instruments SN74LVC245AIPWREP Datasheet HTML 4Page - Texas Instruments SN74LVC245AIPWREP Datasheet HTML 5Page - Texas Instruments SN74LVC245AIPWREP Datasheet HTML 6Page - Texas Instruments SN74LVC245AIPWREP Datasheet HTML 7Page - Texas Instruments SN74LVC245AIPWREP Datasheet HTML 8Page - Texas Instruments SN74LVC245AIPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.ti.com
FEATURES
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
DIR
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
OE
B1
B2
B3
B4
B5
B6
B7
B8
PW PACKAGE
(TOP VIEW)
DESCRIPTION/ORDERING INFORMATION
SN74LVC245A-EP
OCTAL BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS741B – DECEMBER 2003 – REVISED AUGUST 2005
•
Controlled Baseline
•
ESD Protection Exceeds JESD 22
– One Assembly/Test Site, One Fabrication
– 2000-V Human-Body Model (A114-A)
Site
– 1000-V Charged-Device Model (C101)
•
Enhanced Diminishing Manufacturing
Sources (DMS) Support
•
Enhanced Product-Change Notification
•
Qualification Pedigree (1)
•
Operates From 1.65 V to 3.6 V
•
Inputs Accept Voltages to 5.5 V
•
Max t
pd of 6.3 ns at 3.3 V
•
Typical V
OLP (Output Ground Bounce) <0.8 V
at V
CC = 3.3 V, TA = 25°C
•
Typical V
OHV (Output VOH Undershoot) >2 V at
V
CC = 3.3 V, TA = 25°C
•
I
off Supports Partial-Power-Down Mode
Operation
•
Supports Mixed-Mode Signal Operation on All
Ports (5-V Input/Output Voltage With 3.3-V
V
CC)
•
Latch-Up Performance Exceeds 250 mA Per
JESD 17
(1)
Component qualification in accordance with JEDEC and
industry standards to ensure reliable operation over an
extended temperature range. This includes, but is not limited
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold compound
life. Such qualification testing should not be viewed as
justifying use of this component beyond specified
performance and environmental limits.
This octal bus transceiver is designed for 1.65-V to 3.6-V VCC operation.
The SN74LVC245A is designed for asynchronous communication between data buses. The device transmits
data from the A bus to the B bus or from the B bus to the A bus, depending on the logic level at the
direction-control (DIR) input. The output-enable (OE) input can be used to disable the device so the buses are
effectively isolated.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
Inputs can be driven from either 3.3-V or 5-V devices. This feature allows the use of this device as a translator in
a mixed 3.3-V/5-V system environment.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40
°C to 85°C
TSSOP – PW
Reel of 2000
SN74LVC245AIPWREP
C245AEP
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC245AIPWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC245A TI-SN74LVC245A Datasheet
601Kb / 19P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC245A TI-SN74LVC245A Datasheet
866Kb / 23P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC245ADBLE TI-SN74LVC245ADBLE Datasheet
601Kb / 19P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC245ADBLE TI-SN74LVC245ADBLE Datasheet
866Kb / 23P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC245ADBR TI-SN74LVC245ADBR Datasheet
601Kb / 19P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVC245AIPWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11245 TI-74AC11245 Datasheet
109Kb / 6P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN74LVC245A TI-SN74LVC245A Datasheet
601Kb / 19P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVCH245 TI-SN74AVCH245 Datasheet
168Kb / 12P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LV245AT TI-SN74LV245AT Datasheet
472Kb / 19P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCR2245A TI-SN74LVCR2245A_07 Datasheet
635Kb / 21P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC245 TI-SN74AVC245 Datasheet
158Kb / 11P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH245 TI-SN74ALVCH245_07 Datasheet
408Kb / 14P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC245 UTC-U74LVC245 Datasheet
201Kb / 6P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74ABT245B-EP TI1-SN74ABT245B-EP Datasheet
307Kb / 10P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN64BCT245 TI1-SN64BCT245_16 Datasheet
413Kb / 10P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com