Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS084 Datasheet(PDF) 3 Page - AVX Corporation

Part # AS084
Description  Square Air Core RF Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

AS084 Datasheet(HTML) 3 Page - AVX Corporation

  AS084 Datasheet HTML 1Page - AVX Corporation AS084 Datasheet HTML 2Page - AVX Corporation AS084 Datasheet HTML 3Page - AVX Corporation AS084 Datasheet HTML 4Page - AVX Corporation AS084 Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
PERFORMANCE SPECIFICATIONS
Square Air Core RF Inductors
AS Series
500
450
400
350
300
250
200
150
100
50
0
10
100
1000
10000
Frequency (MHz)
80
75
70
65
60
55
50
45
40
35
30
25
20
15
10
5
0
10
100
1000
10000
Frequency (MHz)
27N3
16N6
12N1
08N1
Inductance vs. Frequency
Typical Q vs. Frequency
250
200
150
100
50
0
10
100
1000
10000
Frequency (MHz)
30
25
20
15
10
5
0
10
100
1000
10000
Frequency (MHz)
22N0
17N0
11N2
06N9
Inductance vs. Frequency
Typical Q vs. Frequency
160
140
120
100
80
60
40
20
0
10
100
1000
10000
Frequency (MHz)
30
25
20
15
10
5
0
10
100
1000
10000
Frequency (MHz)
Inductance vs. Frequency
19N4
15N7
08N9
05N5
Typical Q vs. Frequency
AS07
AS08
AS06



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com