Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS084 Datasheet(PDF) 1 Page - AVX Corporation

Part # AS084
Description  Square Air Core RF Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

AS084 Datasheet(HTML) 1 Page - AVX Corporation

  AS084 Datasheet HTML 1Page - AVX Corporation AS084 Datasheet HTML 2Page - AVX Corporation AS084 Datasheet HTML 3Page - AVX Corporation AS084 Datasheet HTML 4Page - AVX Corporation AS084 Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
AVX Square Air Core RF Inductors, part of the wound air core inductor
family, are ideal for RF circuits, broadband I/O filtering, frequency selection,
or impedance matching. The unique square cross section of the air core
inductor provides better performance, and offers manufacturing
advantages over toroidal coils.
GENERAL DESCRIPTION
AS
Air Core Inductor
(Square Cross
Section)
06
Size
Size
06 = 0806
07 = 0807
08 = 0908
05N5
Inductance
05N5 =5.5nH
06N0 = 6.0nH
12N3 = 12.3nH
J
Tolerance
G = 2%
J = 5%
K = 10%
T
Termination
T = Sn/Ag over Cu
(96.5% Sn, 3% Ag,
0.5% Cu)
R
Packaging
R = 7 inch reel
(2000 pieces per reel)
HOW TO ORDER
ELECTRICAL SPECIFICATIONS
AVX P/N
Turns
Inductance
Tolerance
Q
Test Freq.
DCR max
SRF
Ir max
(nH)
(%)
min.
(MHz)
(mΩ)
(GHz)
(A)
AS0605N5*TR
3
5.5
G, J, K
60
400
3.4
4.9
2.9
AS0606N0*TR
3
6
G, J, K
64
400
6
5.2
2.9
AS0608N9*TR
4
8.9
G, J, K
90
400
7
4.3
2.9
AS0612N3*TR
5
12.3
G, J, K
90
400
8
4.8
2.9
AS0615N7*TR
6
15.7
G, J, K
90
400
9
4.4
2.9
AS0619N4*TR
7
19.4
G, J, K
90
400
10
4
2.9
AS0706N9*TR
3
6.9
G, J, K
100
400
6
4.6
2.7
AS0710N2*TR
4
10.2
G, J, K
100
400
7
4
2.7
AS0711N2*TR
4
11.2
G, J, K
90
400
6.3
3.6
2.7
AS0713N7*TR
5
13.7
G, J, K
100
400
8
4.3
2.7
AS0717N0*TR
6
17
G, J, K
100
400
9
4
2.7
AS0722N0*TR
7
22
G, J, K
100
400
10
3.5
2.7
AS0808N1*TR
3
8.1
G, J, K
130
400
6
5.2
4.4
AS0812N1*TR
4
12.1
G, J, K
130
400
7
4.3
4.4
AS0814N7*TR
4
14.7
G, J, K
90
400
7.2
3
4.4
AS0816N6*TR
5
16.6
G, J, K
130
400
8
3.4
4.4
AS0821N5*TR
6
21.5
G, J, K
130
400
9
3.7
4.4
AS0823N0*TR
6
23
G, J, K
130
400
10
2.6
4.4
AS0825N0*TR
7
25
G, J, K
130
400
10
2.5
4.4
AS0827N3*TR
7
27.3
G, J, K
130
400
10
3.2
4.4
Note:
1. *Tolerance: G=±2%, J=±5%, K=±10%
2. Inductance & Q measured on the HP4291B. With HP16193A test fixture.
3. SRF measured using the HP8753E
4. Operating Temperature range: -40˚C to +125˚C
5. Electrical Specifications at 25˚C
6. MSL: Level 1
Square Air Core RF Inductors
AS Series
FEATURES
• Square cross section construction
• Available in 0806, 0807, and 0908 sizes
• 20 Inducance values ranging
from 5.5nH to 27.3nH
• High Q
• High Current
• Excellent SRF
Technical Data
All technical data related to an ambient temperature of +25˚C
Inductance Range
5.5nH to 27.3nH
Inductance Tolerance
2%, 5%, 10%
Rated Current
2.7A, 2.9A, 4.4A
Operating Temperature
-40˚C to +125˚C
Termination
96.5% Tin/3% Silver over 0.5% Copper
ELECTRICAL SPECIFICATIONS
APPLICATIONS
• RF Applications
• RF Circuits
• Broadband I/O Filtering
• Impedance Matching


Similar Part No. - AS084

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
AS08 OHMITE-AS08 Datasheet
639Kb / 2P
Anti-surge Thick Film Chip Resistors
logo
YAGEO Corporation
AS0805KKX7R0BB104 YAGEO-AS0805KKX7R0BB104 Datasheet
400Kb / 10P
ANTI SURGE AND ANTI SULFURATION AUTOMOTIVE GRADE CHIP RESISTORS
August 3, 2022
AS0805KKX7R0BB104 YAGEO-AS0805KKX7R0BB104 Datasheet
237Kb / 1P
Surface-mount Ceramic Multilayer Capacitors
AS0805KKX7R0BB473 YAGEO-AS0805KKX7R0BB473 Datasheet
237Kb / 1P
Surface-mount Ceramic Multilayer Capacitors
AS0805KKX7R7BB105 YAGEO-AS0805KKX7R7BB105 Datasheet
548Kb / 17P
SURFACE MOUNT MULTILAYER CERAMIC CAPACITORS
May 21, 2024
More results

Similar Description - AS084

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0806SQ-5N5-L COILCRAFT-0806SQ-5N5-L Datasheet
267Kb / 3P
Square Air Core Inductors
1111SQ COILCRAFT-1111SQ Datasheet
344Kb / 3P
Square Air Core Inductors
0807SQ-14NJLB COILCRAFT-0807SQ-14NJLB Datasheet
249Kb / 3P
Square Air Core Inductors
1111SQ COILCRAFT-1111SQ Datasheet
234Kb / 3P
Square Air Core Inductors
logo
Central Technologies
CT0806QF CT-CT0806QF Datasheet
99Kb / 1P
Square Air Core Inductors
logo
Allied Components Inter...
SQAC0806 ALLIED-SQAC0806 Datasheet
713Kb / 1P
SMD Square Air Core Inductors
logo
Coilcraft lnc.
1515SQ COILCRAFT-1515SQ Datasheet
546Kb / 3P
Square Air Core Inductors
0806SQ-5N5GLC COILCRAFT-0806SQ-5N5GLC_16 Datasheet
335Kb / 3P
Square Air Core Inductors
logo
AVX Corporation
AS AVX-AS_15 Datasheet
158Kb / 5P
Square Air Core RF Inductors
logo
Central Technologies
CT0806SQF CT-CT0806SQF Datasheet
140Kb / 1P
Square Air Core Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com