Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS084 Datasheet(PDF) 5 Page - AVX Corporation

Part # AS084
Description  Square Air Core RF Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

AS084 Datasheet(HTML) 5 Page - AVX Corporation

  AS084 Datasheet HTML 1Page - AVX Corporation AS084 Datasheet HTML 2Page - AVX Corporation AS084 Datasheet HTML 3Page - AVX Corporation AS084 Datasheet HTML 4Page - AVX Corporation AS084 Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
PACKAGING SPECIFICATIONS
Square Air Core RF Inductors
AS Series
Thickness (t)
0.10 (.004) max
Embossed Cavity
Embossed Carrier
User Direction of Feed
No Components
390 (15.354) min
160 (6.299) min
560 (22.047) max
Components
Cover Tape
No Components
• The force for tearing off cover tape is
10 to 130 grams in the arrow direction
Top Cover Tape
165° to 180°
Base Tape
End
Start
C
C
A
B
E
T
D1
P1
t
E
F
W
G
N
D0
P2
P0
5°
CARRIER TAPE REELS
DIMENSIONS OF CARRIER TAPE
ITEM
A
B
C
G
N
T
W
E
F
P1
P2
P0
D0
D1
t
DIM.
178
25
15
12.5
75
16.4
12.0
1.75
5.50
4.00
2.0
4.0
1.5
1.0
0.23
(7.008)
(0.984)
(0.591)
(0.492)
(2.953)
(0.646)
(0.472)
(0.069)
(0.217)
(0.157)
(0.079)
(0.157)
(0.059)
(0.039)
(0.009)
TOL.
±2.0
±1.0
±0.5
+1.5
±2.0
+1.5
±0.2
±0.1
±0.1
±0.1
±0.1
±0.1
+0.1
±0.1
±0.05
(0.079)
(0.039)
(0.020)
(0.059)
(0.079)
(0.059)
(0.008)
(0.004)
(0.004)
(0.004)
(0.004)
(0.004)
(0.004)
(0.004)
(0.020)
mm (inches)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com