Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5002G Datasheet(PDF) 11 Page - IXYS Corporation

Part # CPC5002G
Description  Dual High-Speed Open-Drain
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5002G Datasheet(HTML) 11 Page - IXYS Corporation

Back Button CPC5002G Datasheet HTML 6Page - IXYS Corporation CPC5002G Datasheet HTML 7Page - IXYS Corporation CPC5002G Datasheet HTML 8Page - IXYS Corporation CPC5002G Datasheet HTML 9Page - IXYS Corporation CPC5002G Datasheet HTML 10Page - IXYS Corporation CPC5002G Datasheet HTML 11Page - IXYS Corporation CPC5002G Datasheet HTML 12Page - IXYS Corporation CPC5002G Datasheet HTML 13Page - IXYS Corporation CPC5002G Datasheet HTML 14Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5002
R01
www.ixysic.com
11
For the outputs, the CPC5002 is compatible with both SMBus and Fast-mode I2C compatible devices. As with all
mixed type devices on a bus, the weakest driver on that bus determines the minimum value of the pullup resistor.
When the CPC5002 is the only device driving the bus as shown with U1, the minimum E96 standard value for pullup
resistors R5 and R6 will be 511
. For bus loading up to 400pF, this pullup resistor value will provide for Fast-mode
compliant I2C bus speeds. At lower data rates or with less capacitive bus loading, the actual resistor value selected
can be higher.
When the CPC5002 shares a bus with another device as is the case with U2, the weakest driver sets the conditions
for selecting the correct resistor value. As stated earlier, the SMBus master is rated as a Low-power device and
therefore is only capable of sinking 350uA to an output low voltage level of 0.4V. A pullup resistor attached to the
maximum supply voltage level of 3.6V and pulled down by this low power driver limits the minimum pullup resistor
value to 9.14k
. After considering tolerance and temperature effects the nearest E96 standard value is 9.31k. Most
applications will typically select the more common 10k
 value for R7 and R8, which allows for a 5% resistor tolerance.
Although shown but not needed in this example are pullup resistors R9 and R10. These resistors, not needed by the
CPC5002 at U2, are utilized whenever the busses they are attached to are also connected to device(s) having logic
level inputs. With heavy loading or excessive leakage on the bus the resistors provide supplementary bias to improve
pullup transition performance and to increase the output logic high level without impacting the LED input current bias
level.
The CPC5002 can be utilized to provide digital isolated buffering in a variety of unique applications. Design support is
available by contacting IXYS Integrated Circuits Division’s Applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com