Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5002G Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC5002G
Description  Dual High-Speed Open-Drain
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5002G Datasheet(HTML) 3 Page - IXYS Corporation

  CPC5002G Datasheet HTML 1Page - IXYS Corporation CPC5002G Datasheet HTML 2Page - IXYS Corporation CPC5002G Datasheet HTML 3Page - IXYS Corporation CPC5002G Datasheet HTML 4Page - IXYS Corporation CPC5002G Datasheet HTML 5Page - IXYS Corporation CPC5002G Datasheet HTML 6Page - IXYS Corporation CPC5002G Datasheet HTML 7Page - IXYS Corporation CPC5002G Datasheet HTML 8Page - IXYS Corporation CPC5002G Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5002
R01
www.ixysic.com
3
1
Specifications
1.1 Package Pinout
1.2 Pin Description
1.3 Absolute Maximum Ratings
Voltages at Output Side nodes are with respect to GND=0V
Absolute maximum electrical ratings are at 25°C. Power specifications: no derating required to 85°C.
Absolute maximum ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device.
Functional operation of the device at conditions beyond those indicated in the operational sections of this data sheet is not
implied.
1.4 ESD Rating
1
2
3
4
8
7
6
5
Pin#
Name
Description
1A1
LED Anode, Channel 1
2K1
LED Cathode, Channel 1
3K2
LED Cathode, Channel 2
4A2
LED Anode, Channel 2
5GND
Ground, Output Side Supply Return
6OUT2
Output, Channel 2
7OUT1
Output, Channel 1
8
VDD
Supply Voltage, Output Side
Parameter
Symbol
Rating
Units
Forward Current
Continuous
IF
20
mA
Peak
40
LED Reverse Voltage
VR
6.5
V
Supply Voltage, Output Side
VDD
-0.3 to 6.5
V
Output Voltage
VOUT
-0.3 to 6.5
V
Output Current
IOUT
10
mA
Output Power (Each Output)
POUT
60
mW
Isolation Voltage (Input to Output)
VISO
3750
Vrms
Operating Temperature
TA
-40 to 85
°C
Operating Relative Humidity
RH
5 to 85
%
Storage Temperature
TSTG
-50 to 125
°C
ESD Rating (Human Body Model)
4000V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com