Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5002G Datasheet(PDF) 5 Page - IXYS Corporation

Part # CPC5002G
Description  Dual High-Speed Open-Drain
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5002G Datasheet(HTML) 5 Page - IXYS Corporation

  CPC5002G Datasheet HTML 1Page - IXYS Corporation CPC5002G Datasheet HTML 2Page - IXYS Corporation CPC5002G Datasheet HTML 3Page - IXYS Corporation CPC5002G Datasheet HTML 4Page - IXYS Corporation CPC5002G Datasheet HTML 5Page - IXYS Corporation CPC5002G Datasheet HTML 6Page - IXYS Corporation CPC5002G Datasheet HTML 7Page - IXYS Corporation CPC5002G Datasheet HTML 8Page - IXYS Corporation CPC5002G Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5002
R01
www.ixysic.com
5
1.9 Switching Specifications
1 Falling propagation delay can be reduced by increasing instantaneous LED current drive, typically by increasing C
FWD .
2 Rising propagation delay depends on R
PU , CL , and IF .
Increasing IF above 2 • ITH (by reducing RS) increases the rising propagation delay.
3 Propagation Delay Skew is the worst case difference propagation delay, High to Low and Low to High between the two channels of a CPC5002
when measured using the test circuit shown below, which is tuned for approximately even rising and falling delays.
1.10 Propagation Delay Test Circuit
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Timing Specifications
Clock Frequency
ISINK=6mA, CL=20pF
fMAX
-10-
MHz
Propagation Delay
Output Falling 1, 3
IF=1.5mA, VDD=3.3V,
RPU=499, CL=20pF,
0.5VIN to 0.5VDD_OUT
tPHL
35
81
120
ns
Output Rising 2, 3
tPLH
35
81
120
Pulse Width Distortion: |tPLH - tPLH|
As per tPHL and tPLH
PWD
85
ns
Propagation Delay Skew 3
As per tPHL and tPLH
tPSK
-
-
50
ns
Output Fall Time, 90% to 10%
IF=1.5mA, VDD=3.3V,
RPU=499, CL=20pF
tf
10
15
-
ns
Common Mode Specifications
Common Mode Transient Immunity
VCM=20VP-P , VDD=3.3V, TA=25°C
VOUT = High
VOUT>2V
CMH
5-
-
kV/
s
VOUT = Low
VOUT<0.8V
CML
7-
-
2k
Ω
27pF
3.3V
R
PU
499
Ω
C
L
20pF
V
DD
V
OUT
½ CPC5002
I
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com