Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5002GSTR Datasheet(PDF) 7 Page - IXYS Corporation

Part # CPC5002GSTR
Description  Dual High-Speed Open-Drain
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5002GSTR Datasheet(HTML) 7 Page - IXYS Corporation

Back Button CPC5002GSTR Datasheet HTML 3Page - IXYS Corporation CPC5002GSTR Datasheet HTML 4Page - IXYS Corporation CPC5002GSTR Datasheet HTML 5Page - IXYS Corporation CPC5002GSTR Datasheet HTML 6Page - IXYS Corporation CPC5002GSTR Datasheet HTML 7Page - IXYS Corporation CPC5002GSTR Datasheet HTML 8Page - IXYS Corporation CPC5002GSTR Datasheet HTML 9Page - IXYS Corporation CPC5002GSTR Datasheet HTML 10Page - IXYS Corporation CPC5002GSTR Datasheet HTML 11Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5002
R01
www.ixysic.com
7
2
Performance Characteristics
Temperature (ºC)
-50
-30
-10
10
30
50
70
90
110
1.10
1.12
1.14
1.16
1.18
1.20
1.22
1.24
1.26
1.28
1.30
1.32
LED Forward Voltage
vs. Temperature
I
F=2mA
I
F=1.5mA
LED Forward Current (mA)
01234
567
8
910
1.19
1.20
1.21
1.22
1.23
1.24
1.25
1.26
1.27
Typical LED Forward Voltage
vs. LED Forward Current
(T
A=25ºC)
Temperature (ºC)
-50
-30
-10
10
30
50
70
90
110
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Typical LED Logic Threshold Current
vs. Temperature
I
TH_HI
I
TH_HI_Typ
I
TH_TYP
I
TH_LO_Typ
I
TH_LO
LED Current (mA)
1.0
1.5
2.0
2.5
3.0
3.5
40
50
60
70
80
90
100
110
Delay Times vs. LED Current
(C
FWD=0pF, VDD=3.3V, RPU=499Ω, CL=20pF)
t
PHL
t
PLH
C
FWD (pF)
0
5
10
15
20
25
30
30
40
50
60
70
80
90
100
110
Delay Times vs. C
FEEDFWD
(I
LED=1.5mA, VDD=3.3V, RPU=499Ω, CL=20pF)
t
PHL
t
PLH
Temperature (ºC)
-50
-30
-10
10
30
50
70
90
110
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
Typical Supply Current
vs. Temperature
V
DD=5.5V
V
DD=3.3V
V
DD=2.7V
Temperature (ºC)
-50
-30
-10
10
30
50
70
90
110
0.0
0.1
0.2
0.3
0.4
0.5
0.6
Typical V
OL vs. Temperature
(I
SINK=6mA)
V
DD=2.7V
V
DD=3.3V
V
DD=5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com