Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5002GSTR Datasheet(PDF) 9 Page - IXYS Corporation

Part # CPC5002GSTR
Description  Dual High-Speed Open-Drain
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5002GSTR Datasheet(HTML) 9 Page - IXYS Corporation

Back Button CPC5002GSTR Datasheet HTML 5Page - IXYS Corporation CPC5002GSTR Datasheet HTML 6Page - IXYS Corporation CPC5002GSTR Datasheet HTML 7Page - IXYS Corporation CPC5002GSTR Datasheet HTML 8Page - IXYS Corporation CPC5002GSTR Datasheet HTML 9Page - IXYS Corporation CPC5002GSTR Datasheet HTML 10Page - IXYS Corporation CPC5002GSTR Datasheet HTML 11Page - IXYS Corporation CPC5002GSTR Datasheet HTML 12Page - IXYS Corporation CPC5002GSTR Datasheet HTML 13Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5002
R01
www.ixysic.com
9
3.3 Output Drivers
Designed specifically for data and clock busses, the
output drivers have been configured for optimal
performance and behavior.
To reduce RF emissions and ringing on the output
lines the active low output drivers are slew limited. In
addition to limiting emissions, the slew limited outputs
reduce the need for external output series resistors.
Whenever the outputs are in the deasserted logic high
state, the open-drain outputs exhibit low leakage
performance while presenting a high impedance
(Hi-Z) to the load. Additionally, during power-up and
with the loss of VDD, the outputs default to the Hi-Z
deasserted state thereby ensuring signal integrity of
any bussed, open-drain signals connected to the
output pins
To maximize system design flexibility, the outputs are
tolerant of pull-up voltages greater than the CPC5002
supply voltage, VDD, provided the pull-up voltage
remains within the output’s specified voltage limits. For
example, using a 3.3V supply to power the CPC5002,
it’s outputs may be safely operated into a pull up
resistor to a supply voltage of 6.5V.
3.4 Power Supply Decoupling and Noise
Reduction
There are no special power supply decoupling
requirements for the CPC5002.
In addition, since the CPC5002 uses optical coupling
to transfer information across the barrier, no internal
clocking circuits are utilized to maintain the proper
output state. This negates the need to implement the
required special layout or noise reduction techniques
necessary to maintain EMI or RFI compliance.
4
Circuit Examples
4.1 Inverting and Non-Inverting Configurations
Shown below are typical inverting and non-inverting
circuit examples with the optional feed forward
capacitors used for high speed signals.
These designs assume a combined voltage drop of
3.3V across the input resistor and the LED with a
nominal input current of 1.5mA.
Figure 1. Inverting Configuration
CFWD increases instantaneous IF at LED turn-on to
reduce tPHL at VOUT .
Figure 2. Non-Inverting Configuration
For applications where the nominal total voltage drop
across the input resistor and the LED is not 3.3V it will
be necessary to adjust the input resistor’s value.
Examples of this would be different pull-up voltage
supplies and VIN sources that do not drive completely
to the supply rails.
R
PU
499
Ω
3.3V
V
IN
C
FWD
10pF
V
OUT
1.4k
1/2 CPC5002
Inverting: V
IN to VOUT
C
L
20pF
3.3V
V
IN
V
OUT
1.4k
1/2 CPC5002
Non-Inverting: V
IN to VOUT
V+
R
PU
499
Ω
C
FWD
10pF
C
L
20pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com