Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5002GSTR Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC5002GSTR
Description  Dual High-Speed Open-Drain
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5002GSTR Datasheet(HTML) 1 Page - IXYS Corporation

  CPC5002GSTR Datasheet HTML 1Page - IXYS Corporation CPC5002GSTR Datasheet HTML 2Page - IXYS Corporation CPC5002GSTR Datasheet HTML 3Page - IXYS Corporation CPC5002GSTR Datasheet HTML 4Page - IXYS Corporation CPC5002GSTR Datasheet HTML 5Page - IXYS Corporation CPC5002GSTR Datasheet HTML 6Page - IXYS Corporation CPC5002GSTR Datasheet HTML 7Page - IXYS Corporation CPC5002GSTR Datasheet HTML 8Page - IXYS Corporation CPC5002GSTR Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
INTEGRATED CIRCUITS DIVISION
DS-CPC5002-R01
www.ixysic.com
1
Features
• Dual Optical Isolator
• Buffers Two Independent Signals
• Power-Down to Hi-Z Doesn't Load Outputs
• Low-Power CMOS Reduces Supply Current
• Output operates Over 2.7V < VDD < 5.5V
• LED Drive Current Only 1.5mA
• High Speed: 10Mbaud Typical
• 3750Vrms Galvanic Isolation
• Single 8-Pin DIP or Surface Mount Package
Applications
• Test and Measurement
• A/D and D/A Isolation
• Power Converter Isolation
• Medical
• Ground Loop Elimination
• I
2C Bus Isolation
• Computer Bus Isolation
• Isolated Line Receiver
Approvals
• UL - Pending
• EN/IEC 60950 Certified Component:
TUV Certificate: B 11 10 49410 007
Description
The CPC5002 is a dual high speed optical logic
isolator with open-drain outputs providing 3750Vrms of
galvanic isolation between the inputs and the outputs.
Activating the input LED causes the open-drain output
to turn on, pulling the voltage of the external pullup
resistor towards ground. Utilizing CMOS technology
enables the output stage’s high-gain circuitry to
operate with a miserly power consumption of <5mW
(typical) when operated with a 3.3V supply voltage
and a low input LED drive current of 1.5mA.
Because optical isolators pass logic levels directly
there is no internal state refresh clock to maintain a
non-changing input. Additionally, the CPC5002 will
always return the buffered signals to their proper value
after a transient interruption at either side.
Ordering Information
Figure 1. CPC5002 Functional Block Diagram
RoHS
2002/95/EC
e3
Pb
Part
Description
CPC5002G
8-Pin DIP (50 / Tube)
CPC5002GS
8-Pin Surface Mount (50 / Tube)
CPC5002GSTR
8-Pin Surface Mount Tape & Reel (1000 / Reel)
LED
LED
1
2
3
4
8
7
6
5
V
DD
OUT1
OUT2
GND
A1
K1
K2
A2
Dual High-Speed Open-Drain
Digital Optical Isolator
CPC5002


Similar Part No. - CPC5002GSTR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC5001 IXYS-CPC5001 Datasheet
203Kb / 9P
Dual, One Channel Each Direction Digital Optical Isolator
CPC5001G IXYS-CPC5001G Datasheet
203Kb / 9P
Dual, One Channel Each Direction Digital Optical Isolator
CPC5001GS IXYS-CPC5001GS Datasheet
203Kb / 9P
Dual, One Channel Each Direction Digital Optical Isolator
CPC5001GSTR IXYS-CPC5001GSTR Datasheet
203Kb / 9P
Dual, One Channel Each Direction Digital Optical Isolator
More results

Similar Description - CPC5002GSTR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7PA05FU TOSHIBA-TC7PA05FU_07 Datasheet
184Kb / 8P
Dual Inverter (Open Drain)
logo
Renesas Technology Corp
HD74LV1GW06A RENESAS-HD74LV1GW06A Datasheet
77Kb / 6P
Dual Inverter Open Drain
HD74LV1GW07A RENESAS-HD74LV1GW07A Datasheet
75Kb / 6P
Dual Buffer Open Drain
logo
ON Semiconductor
NLX2G06 ONSEMI-NLX2G06 Datasheet
94Kb / 8P
Dual Inverter, Open Drain
March, 2008 - Rev. 0
NLU2G06 ONSEMI-NLU2G06 Datasheet
100Kb / 8P
Dual Inverter, Open Drain
March, 2008 - Rev. 2
logo
Renesas Technology Corp
HD74LV1GW07A RENESAS-HD74LV1GW07A_15 Datasheet
156Kb / 7P
Dual Buffer Open Drain
logo
Maxim Integrated Produc...
MAX14591 MAXIM-MAX14591_14 Datasheet
950Kb / 13P
High-Speed, Open-Drain Capable Logic-Level Translator
Rev 1; 12/14
logo
ON Semiconductor
NLU2G06 ONSEMI-NLU2G06_16 Datasheet
72Kb / 7P
Dual Inverter, Open Drain
July, 2016 ??Rev. 4
NLX2G06 ONSEMI-NLX2G06_16 Datasheet
79Kb / 8P
Dual Inverter, Open Drain
June, 2016 ??Rev. 3
logo
Maxim Integrated Produc...
MAX14591 MAXIM-MAX14591 Datasheet
950Kb / 13P
High-Speed, Open-Drain Capable Logic-Level Translator
19-6173; Rev 1; 12/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com