Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP821 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMP821
Description  TWO-PHASE HALF-WAVE MOTOR PREDRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP821 Datasheet(HTML) 3 Page - Texas Instruments

  TMP821 Datasheet HTML 1Page - Texas Instruments TMP821 Datasheet HTML 2Page - Texas Instruments TMP821 Datasheet HTML 3Page - Texas Instruments TMP821 Datasheet HTML 4Page - Texas Instruments TMP821 Datasheet HTML 5Page - Texas Instruments TMP821 Datasheet HTML 6Page - Texas Instruments TMP821 Datasheet HTML 7Page - Texas Instruments TMP821 Datasheet HTML 8Page - Texas Instruments TMP821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TMP821
SLDS152 – JANUARY 2008
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VCC
Supply voltage
30
V
VAL
Output voltage (AL)
30
V
IOUT
Continuous output current (A1, A2)
70
mA
IAL
Continuous output current (AL)
8
mA
θ
JA
Package thermal impedance(2)
97
°C/W
TJ
Operating junction temperature range
–40 to 125
°C
Tstg
Storage temperature range
–55 to 150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Package thermal impedance is calculated in accordance with JESD 51-7.
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage
4
28
V
VH
Hall amplifier input voltage
1
VCC – 0.5
V
TA
Operating free-air temperature
–40
100
°C
VCC = 12 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VHYS
Hall amplifier input voltage hysteresis
±3
±15
mV
VAL
Lock alarm signal low-level output voltage
AL
IAL = 5 mA
0.5
V
IAL
Lock alarm signal low-level output current
AL
VAL = 2 V
8
mA
ILDC
Lock detection capacitor charge current
LD
VLD = 1.5 V
2
3.45
5.25
µA
ILDD
Lock detection capacitor discharge current
LD
VLD = 1.5 V
0.35
0.8
1.45
µA
Lock detection capacitor charge/discharge
rCD
LD
rCD = ILDC/ILDD
3
4.5
8
current ratio
VLDCL
Lock detection capacitor clamp voltage
LD
2.2
2.6
3
V
VLDCP
Lock detection capacitor comparator voltage
LD
0.4
0.6
0.8
V
V7H
High-level output voltage
A1
IOH = –10 mA
10
10.5
V
V8H
High-level output voltage
A2
IOH = –10 mA
10
10.5
V
ICC
Supply current
Output off
3.2
5
mA
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com