Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP821 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMP821
Description  TWO-PHASE HALF-WAVE MOTOR PREDRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP821 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP821 Datasheet HTML 2Page - Texas Instruments TMP821 Datasheet HTML 3Page - Texas Instruments TMP821 Datasheet HTML 4Page - Texas Instruments TMP821 Datasheet HTML 5Page - Texas Instruments TMP821 Datasheet HTML 6Page - Texas Instruments TMP821 Datasheet HTML 7Page - Texas Instruments TMP821 Datasheet HTML 8Page - Texas Instruments TMP821 Datasheet HTML 9Page - Texas Instruments TMP821 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.ti.com
Lock Detection
Hall Input
Motor Output
LD
AL
Motor
locked
On
Off
Clamp voltage
Comparator voltage
Motor lock
cleared
Motor lock
detected
t
ON
t
OFF
Return to
normal operation
Power
AL
A few hundred milliseconds
TMP821
SLDS152 – JANUARY 2008
When a motor lock is detected, the TMP821 automatically shuts down its output current. When the motor lock is
removed, the TMP821 automatically restarts. Motor lock is detected when the Hall signal stops switching, as
shown in Figure 2.
Figure 2.
tON and tOFF are determined by the capacitor connected to LD:
tON = (CLD × (VLD_CLAMP – VLD_COMP) / ILD_CHARGE (seconds)
tOFF = (CLD × (VLD_CLAMP – VLD_COMP) / ILD_DISCHARGE (seconds)
Where:
CLD = capacitance of the external capacitor on LD
VLD_CLAMP = LD clamp voltage
VLD_COMP = LD comparator voltage
ILD_CHARGE = LD charge current
ILD_DISCHARGE = LD discharge current
NOTE:
After power is supplied to the device, the the lock detection pin (AL) may remain high
for a few hundred milliseconds (see Figure 3).
Figure 3. Power-On to AL Delay
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com