Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP821 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP821
Description  TWO-PHASE HALF-WAVE MOTOR PREDRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP821 Datasheet(HTML) 1 Page - Texas Instruments

  TMP821 Datasheet HTML 1Page - Texas Instruments TMP821 Datasheet HTML 2Page - Texas Instruments TMP821 Datasheet HTML 3Page - Texas Instruments TMP821 Datasheet HTML 4Page - Texas Instruments TMP821 Datasheet HTML 5Page - Texas Instruments TMP821 Datasheet HTML 6Page - Texas Instruments TMP821 Datasheet HTML 7Page - Texas Instruments TMP821 Datasheet HTML 8Page - Texas Instruments TMP821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
FEATURES
DESCRIPTION
H+
A1
2
7
V
CC
A2
1
8
AL
LD
3
6
H–
GND
4
5
Logic
Regulator
+
–
+
–
Lock Detect/
Auto Restart
+
–
Hall
Amp
TMP821
SLDS152 – JANUARY 2008
www.ti.com
TWO-PHASE HALF-WAVE MOTOR PREDRIVER
BLOCK DIAGRAM
• Built-In Lock Detection and Rotational Speed
Sensing Mechanisms
• Compact 8-Pin Package Reduces Number of
External Components Required
• Automatic Restart When Motor Lock Is
Undone
• Hall Amplifier Inputs Have Hysteresis
The
TMP821
is
a
two-phase
half-wave
motor
predriver suited for fan motors.
ORDERING INFORMATION(1)
TJ
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40
°C to 125°C
SOIC – D
Reel of 2500
TMP821DR
TMP821
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMP821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP821 TI2-TMP821 Datasheet
713Kb / 20P
TMP821 Two-Phase Half-Wave Motor Predriver
REVISED MAY 2015
TMP821DR TI2-TMP821DR Datasheet
713Kb / 20P
TMP821 Two-Phase Half-Wave Motor Predriver
REVISED MAY 2015
TMP821DR.A TI2-TMP821DR.A Datasheet
713Kb / 20P
TMP821 Two-Phase Half-Wave Motor Predriver
REVISED MAY 2015
More results

Similar Description - TMP821

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6402F ROHM-BA6402F Datasheet
46Kb / 3P
2-phase half-wave motor predriver
BA6404F ROHM-BA6404F Datasheet
38Kb / 3P
2-phase half-wave motor predriver
BA6406F ROHM-BA6406F Datasheet
62Kb / 5P
2-phase half-wave motor predriver
logo
Fairchild Semiconductor
FAN8412M FAIRCHILD-FAN8412M Datasheet
315Kb / 16P
2 Phase Half Wave BLDC Motor Predriver
logo
Unisonic Technologies
UA9406 UTC-UA9406 Datasheet
94Kb / 5P
LINEAR INTEGRATED CIRCUIT (2-PHASE HALF-WAVE MOTOR PREDRIVER)
logo
Sanyo Semicon Device
LB11668M SANYO-LB11668M Datasheet
153Kb / 4P
For Fan Motor Two-Phase Half-Wave Driver
logo
ON Semiconductor
LB11668MC ONSEMI-LB11668MC Datasheet
125Kb / 7P
Two-Phase Half-Wave Driver
May, 2013
LB11669MC ONSEMI-LB11669MC Datasheet
193Kb / 4P
Two-Phase Half-Wave Driver
May, 2013
LB1860 ONSEMI-LB1860 Datasheet
138Kb / 8P
Two-Phase Half-Wave Variable Speed Fan Motor Driver
August 2014 - Rev. 0
logo
Rohm
BA6406F ROHM-BA6406F_12 Datasheet
509Kb / 16P
Two-Phase Half-Wave Pre Driver Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com