Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3151PGV Datasheet(PDF) 4 Page - Texas Instruments

Part # TNETX3151PGV
Description  ThunderSWITCHE 12/3 ETHERNETE SWITCH WITH 12 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3151PGV Datasheet(HTML) 4 Page - Texas Instruments

  TNETX3151PGV Datasheet HTML 1Page - Texas Instruments TNETX3151PGV Datasheet HTML 2Page - Texas Instruments TNETX3151PGV Datasheet HTML 3Page - Texas Instruments TNETX3151PGV Datasheet HTML 4Page - Texas Instruments TNETX3151PGV Datasheet HTML 5Page - Texas Instruments TNETX3151PGV Datasheet HTML 6Page - Texas Instruments TNETX3151PGV Datasheet HTML 7Page - Texas Instruments TNETX3151PGV Datasheet HTML 8Page - Texas Instruments TNETX3151PGV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 65 page
background image
TNETX3151
ThunderSWITCH
™ 12/3 ETHERNET™ SWITCH
WITH 12 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
SPWS048A – MARCH 1998 – REVISED APRIL 1999
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PGV PACKAGE
(TOP VIEW)
181
182
183
184
185
186
187
188
189
190
191
192
193
194
195
196
197
198
199
200
201
202
203
204
205
206
207
208
209
210
211
212
213
214
215
216
217
218
219
220
221
222
223
224
225
226
227
228
229
230
231
232
233
234
235
236
237
238
239
240
120
119
118
117
116
115
114
113
112
111
110
109
108
107
106
105
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
DD26
DD27
DD28
VDD(2.5V)
DD29
DD30
DD31
GND
DCAS
DRAS
DW
VDD(3.3V)
DCLK
GND
DA00
DA01
VDD(2.5V)
DA02
DA03
DA04
GND
DA05
DA06
DA07
DA08
DA09
DA10
GND
DA11
DA12
VDD(2.5V)
DA13
NC
GND
NC
NC
NC
NC
NC
GND
NC
NC
NC
NC
VDD(2.5V)
NC
NC
NC
VDD(3.3V)
NC
NC
NC
TH1RENEG
TH1TXD0
GND
TH1TXD1
TH1TXD2
VDD(2.5V)
TH1TXD3
TH1TXEN
MDIO
MRESET
VDD(2.5V)
ECLK
EDIO
RESET
LEDDATA
LEDCLK
OSCIN
TRST
TDI
VDD(3.3V)
TDO
TMS
TCLK
VDD(2.5V)
M14FORCE10
M14FORCEHD
M14LINK
M14RXER
GND
M14RXDV
M14RXD3
M14RXD2
M14RXD1
M14RXD0
GND
M14RCLK
M14CRS
VDD(2.5V)
M14COL
M14TXER
GND
M14TXEN
M14TXD3
M14TXD2
M14TXD1
M14TXD0
M14TCLK
GND
M13FORCE10
M13FORCEHD
M13LINK
VDD(2.5V)
M13RXER
M13RXDV
GND
M13RXD3
VDD(3.3V)
M13RXD2
M13RXD1
M13RXD0
GND
M13RCLK
M13CRS
M13COL
VDD(2.5V)
M13TXER
M13TXEN
M13TXD3
NC – No internal connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com