Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3151PGV Datasheet(PDF) 59 Page - Texas Instruments

Part # TNETX3151PGV
Description  ThunderSWITCHE 12/3 ETHERNETE SWITCH WITH 12 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3151PGV Datasheet(HTML) 59 Page - Texas Instruments

Back Button TNETX3151PGV Datasheet HTML 55Page - Texas Instruments TNETX3151PGV Datasheet HTML 56Page - Texas Instruments TNETX3151PGV Datasheet HTML 57Page - Texas Instruments TNETX3151PGV Datasheet HTML 58Page - Texas Instruments TNETX3151PGV Datasheet HTML 59Page - Texas Instruments TNETX3151PGV Datasheet HTML 60Page - Texas Instruments TNETX3151PGV Datasheet HTML 61Page - Texas Instruments TNETX3151PGV Datasheet HTML 62Page - Texas Instruments TNETX3151PGV Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 65 page
background image
TNETX3151
ThunderSWITCH
™ 12/3 ETHERNET™ SWITCH
WITH 12 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
SPWS048A – MARCH 1998 – REVISED APRIL 1999
59
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
serial MII management interface
timing requirements (see Figure 19)
NO.
MIN
MAX
UNIT
1
tsu(MDIO)
Setup time, MDIO valid before OSCIN
↑, read
7
ns
2
th(MDIO)
Hold time, MDIO valid after OSCIN
↑, read
3
ns
operating characteristics over recommended operating conditions (see Figure 19)
NO.
PARAMETER
MIN
MAX
UNIT
3
td(MDIO)
Delay time, from OSCIN
↑ to MDIO valid, write
11
ns
4
td(MDCLK)
Delay time, from OSCIN
↑ to MDCLK↑
11
ns
5
td(MRESET)
Delay time, from OSCIN
↑ to MRESET↓
11
ns
6
tdis(MDIO)
Disable time, from OSCIN
↑ to after MDIO to Z state, read
11
ns
7
tdis(MDCLK)
Disable time, from OSCIN
↑ to after MDCLK to Z state
11
ns
8
tdis(MRESET) Disable time, from OSCIN↑ to after MRESET to Z state
11
ns
9
ten(MDIO)
Enable time, from OSCIN
↑ to before MDIO valid
11
ns
10
ten(MDCLK)
Enable time, from OSCIN
↑ to before MDCLK valid
11
ns
11
ten(MRESET)
Enable time, from OSCIN
↑ to before MRESET valid
11
ns
OSCIN
(input)
MDCLK
(output)
MRESET
(output)
MDIO
(input/
output)
1
6
9
2
3
7
10
8
4
5
Z
Z
Z
Read Input
Write Output
11
Figure 19. Serial MII Management Read/Write Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com