Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3151PGV Datasheet(PDF) 7 Page - Texas Instruments

Part # TNETX3151PGV
Description  ThunderSWITCHE 12/3 ETHERNETE SWITCH WITH 12 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3151PGV Datasheet(HTML) 7 Page - Texas Instruments

Back Button TNETX3151PGV Datasheet HTML 3Page - Texas Instruments TNETX3151PGV Datasheet HTML 4Page - Texas Instruments TNETX3151PGV Datasheet HTML 5Page - Texas Instruments TNETX3151PGV Datasheet HTML 6Page - Texas Instruments TNETX3151PGV Datasheet HTML 7Page - Texas Instruments TNETX3151PGV Datasheet HTML 8Page - Texas Instruments TNETX3151PGV Datasheet HTML 9Page - Texas Instruments TNETX3151PGV Datasheet HTML 10Page - Texas Instruments TNETX3151PGV Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 65 page
background image
TNETX3151
ThunderSWITCH
™ 12/3 ETHERNET™ SWITCH
WITH 12 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
SPWS048A – MARCH 1998 – REVISED APRIL 1999
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (Continued)
10-/100-Mbit/s MAC interface (ports 12–14)
TERMINAL
I/O
INTERNAL
DESCRIPTION
NAME
NO.
I/O
RESISTOR
DESCRIPTION
M12COL
M13COL
M14COL
42
65
90
I
Pulldown
Collision sense. Assertion of MxxCOL in half-duplex signal indicates a network collision
on that port. In full-duplex operation, transmission of new frames does not start if this
terminal is asserted.
M12CRS
M13CRS
M14CRS
43
66
92
I
Pulldown
Carrier sense. MxxCRS indicates a frame carrier signal is being received.
M12FORCE10
M13FORCE10
M14FORCE10
54
80
104
I/O‡
Pullup
Speed selection (force 10 Mbit/s is active low)
– If pulled low by either the TNETX3270 or a PHY, the port operates at 10 Mbit/s.
– If not pulled low by either the TNETX3270 or a PHY, the internal pullup resistor holds
this signal high and the port operates at 100 Mbit/s. An external 4.7-k
Ω pullup resistor
connected to VDD(3.3V) may be required, depending on the system layout.
M12LINK
M13LINK
M14LINK
52
78
102
I
Pulldown
Connection status. MxxLINK indicates the presence of a port connection.
– If MxxLINK = 0, there is no link.
– If MxxLINK = 1, the link is good.
M12FORCEHD
M13FORCEHD
M14FORCEHD
53
79
103
I/O‡
Pullup
Duplex selection (force half duplex is active low)
– If pulled low by either the TNETX3270 or the PHY, the port operates at half duplex.
– If not pulled low by either the TNETX3270 or the PHY, the internal pullup resistor holds
this signal high and the port operates at full duplex. An external 4.7-k
Ω pullup resistor
connected to VDD(3.3V) may be required, depending on the system layout.
M12RCLK
M13RCLK
M14RCLK
44
67
93
I
Pullup
Receive clock. Receive clock source from the attached PHY or physical medium interface
(PMI) device.
M12RXD3
M12RXD2
M12RXD1
M12RXD0
M13RXD3
M13RXD2
M13RXD1
M13RXD0
M14RXD3
M14RXD2
M14RXD1
M14RXD0
49
48
47
46
73
71
70
69
98
97
96
95
I
Pullup
Receive data (nibble receive data from the attached PHY or PMI device). Data on these
signals is synchronous to MxxRCLK. MxxRXD0 is the least significant bit and MxxRXD3
is the most significant bit.
M12RXDV
M13RXDV
M14RXDV
50
75
99
I
Pulldown
Receive data valid. When high, MxxRXDV indicates valid data is present on the
MxxRXD3–MxxRXD0 lines.
M12RXER
M13RXER
M14RXER
51
76
101
I
Pulldown
Receive error. When high, MxxRXER indicates a coding error on received data.
M12TCLK
M13TCLK
M14TCLK
33
56
82
I
Pullup
Transmit clock. Transmit clock source from the attached PHY or PMI device.
† xx = ports 12, 13, and 14
‡ Not a true bidirectional terminal. It can only be actively pulled down (open drain).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com