Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3270 Datasheet(PDF) 42 Page - Texas Instruments

Part # TNETX3270
Description  ThunderSWITCHE 24/3 ETHERNETE SWITCH WITH 24 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3270 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TNETX3270 Datasheet HTML 38Page - Texas Instruments TNETX3270 Datasheet HTML 39Page - Texas Instruments TNETX3270 Datasheet HTML 40Page - Texas Instruments TNETX3270 Datasheet HTML 41Page - Texas Instruments TNETX3270 Datasheet HTML 42Page - Texas Instruments TNETX3270 Datasheet HTML 43Page - Texas Instruments TNETX3270 Datasheet HTML 44Page - Texas Instruments TNETX3270 Datasheet HTML 45Page - Texas Instruments TNETX3270 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 66 page
background image
TNETX3270
ThunderSWITCH
™ 24/3 ETHERNET™ SWITCH
WITH 24 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
SPWS043B – NOVEMBER 1997 – REVISED APRIL 1999
42
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Unknown
Multicast
Destination
Start
Known
VLAN?
Source Port = 1 in.
VLANnports?
Yes
Destination
Address
Found?
Yes
Unkmem
Key:
interrupt
No
Yes
No
No
UnkVLAN
Destination
is
Multicast?
Destination
is
Multicast?
Yes
Yes
Yes
No
No
Destination
Locked
Bit = 1?
Source Port
Blocked by
RxUniBlockPorts
and Dest.
Nblck=0?
No
Yes
Yes
Yes
Source Port
Blocked by
RxMultiBlockPorts
and Dest.
Nblck=0?
Source Port
Blocked by
RxMultiBlockPorts?
Yes
Source Port
Blocked by
RxUniBlockPorts?
Destination
is
Multicast?
Yes
Yes
Source Port
Blocked by
RxMultiBlockPorts or
UnkVLAN=0?
No
No
No
No
No
No
Port Routing
Code = Port Code
From Records
Port Routing
Code = Port Vector
From Records
Port Routing
Code =
UnkMultiPorts
Port Routing
Code =
UnkUniPorts
Port Routing
Code =
UnkVLANPort
AND Port Routing
Code With VLAN
VLANnports Code
Include UplinkPort
in Port
Routing Code
Destination
Cuplink Bit
Set?
No
To A
(Continued)
To B
(Continued)
Yes
statistic
Unknown
Unlcast
Destination
Set Port Routing
Code to 0
To C
(Continued)
Figure 9. Frame-Routing Algorithm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com