Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3270 Datasheet(PDF) 55 Page - Texas Instruments

Part # TNETX3270
Description  ThunderSWITCHE 24/3 ETHERNETE SWITCH WITH 24 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3270 Datasheet(HTML) 55 Page - Texas Instruments

Back Button TNETX3270 Datasheet HTML 51Page - Texas Instruments TNETX3270 Datasheet HTML 52Page - Texas Instruments TNETX3270 Datasheet HTML 53Page - Texas Instruments TNETX3270 Datasheet HTML 54Page - Texas Instruments TNETX3270 Datasheet HTML 55Page - Texas Instruments TNETX3270 Datasheet HTML 56Page - Texas Instruments TNETX3270 Datasheet HTML 57Page - Texas Instruments TNETX3270 Datasheet HTML 58Page - Texas Instruments TNETX3270 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 66 page
background image
TNETX3270
ThunderSWITCH
™ 24/3 ETHERNET™ SWITCH
WITH 24 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
SPWS043B – NOVEMBER 1997 – REVISED APRIL 1999
55
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
10-/100-Mbit/s transmit ports (24, 25, and 26)
timing requirements (see Figure 15)
NO.
MIN
MAX
UNIT
1
tc(MxxTCLK)
Cycle time, MxxTCLK
25
25
ns
2
tw(MxxTCLKL)
Pulse duration, MxxTCLK low
ns
3
tw(MxxTCLKH)
Pulse duration, MxxTCLK high
14
ns
operating characteristics over recommended operating conditions (see Note 8 and Figure 15)
NO.
PARAMETER
MIN
MAX
UNIT
4†
td(MxxTXD)
Delay time, from MxxTCLK
↑ to MxxTXD3–MxxTXD0 valid
0
25
ns
4†
td(MxxTXEN)
Delay time, from MxxTCLK
↑ to MxxTXEN valid
0
25
ns
4†
td(MxxTXER)
Delay time, from MxxTCLK
↑ to MxxTXER valid
0
25
ns
† xx = ports 24, 25, and 26
NOTE 8: Both MxxCRS and MxxCOL are driven asynchronously by the PHY. MxxTXD3–MxxTXD0 is driven by the reconciliation sublayer
synchronous to the MxxTCLK. MxxTXEN is asserted and deasserted by the reconciliation sublayer synchronous to the MxxTCLK rising
edge. MxxTXER is driven synchronous to the rising edge of MxxTCLK.
4
MxxTXD3–MxxTXD0
MxxTXEN
MxxTXER
(outputs)
MxxTCLK
(input)
2
3
1
Figure 15. 10-/100-Mbit/s Transmit Ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com