Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3270 Datasheet(PDF) 12 Page - Texas Instruments

Part # TNETX3270
Description  ThunderSWITCHE 24/3 ETHERNETE SWITCH WITH 24 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3270 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TNETX3270 Datasheet HTML 8Page - Texas Instruments TNETX3270 Datasheet HTML 9Page - Texas Instruments TNETX3270 Datasheet HTML 10Page - Texas Instruments TNETX3270 Datasheet HTML 11Page - Texas Instruments TNETX3270 Datasheet HTML 12Page - Texas Instruments TNETX3270 Datasheet HTML 13Page - Texas Instruments TNETX3270 Datasheet HTML 14Page - Texas Instruments TNETX3270 Datasheet HTML 15Page - Texas Instruments TNETX3270 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 66 page
background image
TNETX3270
ThunderSWITCH
™ 24/3 ETHERNET™ SWITCH
WITH 24 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
SPWS043B – NOVEMBER 1997 – REVISED APRIL 1999
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
miscellaneous
TERMINAL
I/O
INTERNAL
DESCRIPTION
NAME
NO.
I/O
RESISTOR
DESCRIPTION
OSCIN
112
I
None
Master system clock input (83.33-MHz input clock)
RESET
115
I
None
Reset. RESET is synchronous and, therefore, the system clock must be operational during reset.
power interface
TERMINAL
INTERNAL
DESCRIPTION
NAME
NO.
RESISTOR
DESCRIPTION
GND
8, 14, 34, 40, 55, 68, 74, 81, 88, 94, 100,
128, 134, 141, 148, 154, 160, 175, 188,
194, 201, 208, 214, 220, 235
None
Ground. GND is the 0-V reference for the device. All GND
terminals must be connected.
VDD(3.3V)
12, 72, 109, 122, 132, 163, 169, 192, 229
None
3.3-V supply voltage. Power for the input, output, and I/O
terminals.
VDD(2.5V)
4, 17, 31, 45, 58, 64, 77, 91,
105, 118, 124, 137, 151, 165, 178,
184, 197, 211, 225, 238
None
2.5-V supply voltage. Power for the core.
summary of signal terminals by signal group function
PORT DESCRIPTION
NUMBER OF
SIGNALS
MULTIPLIER
TOTAL
LED
2
1
2
10-Mbit/s port
16
3
48
10-/100-Mbit/s port
19
3
57
DIO
17
1
17
EEPROM interface
2
1
2
DRAM interface
50
1
50
Miscellaneous
2
1
2
JTAG
5
1
5
Serial MII management
3
1
3
Total signals
186
SUMMARY
Assigned terminals
186
VDD(3.3V)
9
VDD(2.5V)
20
GND
25
Total terminals
240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com