Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST30VR021 Datasheet(PDF) 3 Page - Silicon Storage Technology, Inc

Part # SST30VR021
Description  2 Mbit ROM 1 Mbit / 2Mbit / 256 Kbit SRAM ROM/RAM Combo
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST30VR021 Datasheet(HTML) 3 Page - Silicon Storage Technology, Inc

  SST30VR021 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST30VR021 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST30VR021 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST30VR021 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST30VR021 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST30VR021 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST30VR021 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST30VR021 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST30VR021 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
2 Mbit ROM + 1 Mbit / 2Mbit / 256 Kbit SRAM
ROM/RAM Combo
SST30VR021 / SST30VR022 / SST30VR023
3
©2001 Silicon Storage Technology, Inc.
S71135-02-000
4/01
380
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute Maximum
Stress Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation
of the device at these conditions or conditions greater than those defined in the operational sections of this data
sheet is not implied. Exposure to absolute maximum stress rating conditions may affect device reliability.)
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -20°C to +85°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Voltage on Any Pin Relative to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VDD + 0.5V
Voltage on VDD Supply Relative to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 4.0V
Power Dissipation. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0W
Soldering Temperature (10 Seconds Lead Only) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260°C
OPERATING RANGE
Range
Ambient Temp
VDD
Commercial
0°C to +70°C
2.7-3.3V
Extended
-20°C to +85°C
2.7-3.3V
AC CONDITIONS OF TEST
Input Pulse Level
. . . . . . . . . . . . . . . . . . . . . . . . 0-VDD
Input & Output Timing Reference Levels
. . . . . . . VDD/2
Input Rise/Fall Time . . . . . . . . . . . . . . . . . . . . . . . 5 ns
Output Load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . CL = 30 pF for 70 ns
Output Load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . CL = 100 pF for 500 ns
TABLE
2: RECOMMENDED DC OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Units
VDD
Supply Voltage
2.7
3.3
V
VSS
Ground
0
0
V
VIH
Input High Voltage
2.4
VDD + 0.5
V
VIL
Input Low Voltage
-0.3
0.3
V
T2.0 380
TABLE
3: DC OPERATING CHARACTERISTICS
Symbol
Parameter
VDD = 3.0 ± 0.3V
Test Conditions
Min
Max
Units
IDD1
ROM Operating Supply Current
4.0+1.1(f)1
1. f = Frequency of operation (MHz) = 1/cycle time
mA
ROMCS#=VIL, RAMCS#=VIH,
VIN=VIH or VIL, II/O=Opens
IDD2
RAM Operating Supply Current
2.5+1(f)1
mA
ROMCS#=VIH, RAMCS#=VIL, II/O=Opens
ISB
Standby VDD Current
10
µA
ROMCS#
≥VDD-0.2V, RAMCS#≥VDD-0.2V
VIN≥VDD-0.2V or VIN ≤0.2V
ILI
Input Leakage Current
-1
1
µA
VIN=VSS to VDD
ILO
Output Leakage Current
-1
1
µA
ROMCS#=RAMCS#=VIH or OE#=VIH or
WE#=VIL, VI/O=VSS to VDD
VOL
Output Low Voltage
0.4
V
IOL = 1.0 mA
VOH
Output High Voltage
2.2
V
IOH = -0.5 mA
T3.3 380



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com