Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST30VR021 Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST30VR021
Description  2 Mbit ROM 1 Mbit / 2Mbit / 256 Kbit SRAM ROM/RAM Combo
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST30VR021 Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST30VR021 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST30VR021 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST30VR021 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST30VR021 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST30VR021 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST30VR021 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST30VR021 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST30VR021 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST30VR021 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2001 Silicon Storage Technology, Inc.
S71135-02-000
4/01
380
1
The SST logo and SuperFlash are registered trademarks of Silicon Storage Technology, Inc.
ComboMemory is a trademark of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Data Sheet
FEATURES:
ROM + SRAM ROM/RAM Combo
– SST30VR021: 256K x8 ROM + 128K x8 SRAM
– SST30VR022: 256K x8 ROM + 256K x8 SRAM
– SST30VR023: 256K x8 ROM + 32K x8 SRAM
ROM/RAM combo on a monolithic chip
Equivalent ComboMemory (Flash + SRAM):
SST31LF021E for code development and
pre-production
Wide Operating Voltage Range: 2.7-3.3V
Chip Access Time
– SST30VR022
70 ns
– SST30VR021/023 500 ns
Low Power Dissipation:
– Standby: 3 µW (Typical)
– Operating: 10 mW (Typical)
Fully Static Operation
– No clock or refresh required
Three state Outputs
Packages Available
– 32-pin TSOP (8mm x14mm)
PRODUCT DESCRIPTION
The SST30VR021/022/023 are ROM/RAM combo chips
consisting of 2 Mbit Read Only Memory organized as 256
KBytes and Static Random Access Memory organized as
128, 256, and 32 KBytes.
The device is fabricated using SST’s advanced CMOS low
power process technology.
The SST30VR021/022/023 has an output enable input for
precise control of the data outputs. It also has two (2) sepa-
rate chip enable inputs for selection of either RAM or ROM
and for minimizing current drain during power-down mode.
The SST30VR021/022/023 is particularly well suited for
use in low voltage (2.7-3.3V) supplies such as pagers,
organizers and other handheld applications.
RAMCS#
OE#
ROMCS#
WE#
DQ7-DQ0
AMS-A0
Note: AMS = Most Significant Address
ROMCS#
RAM
ROM
WE#
OE#
OE#
380 ILL B1.1
RAMCS#
FUNCTIONAL BLOCK DIAGRAM
2 Mbit ROM + 1 Mbit / 2Mbit / 256 Kbit SRAM
ROM/RAM Combo
SST30VR021 / SST30VR022 / SST30VR023
SST30VR021/022/0232 Mb Mask ROM (x8) + 1 Mb / 2Mb / 256 Kb SRAM (x8) Combo


Similar Part No. - SST30VR021

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST30VR041 SST-SST30VR041 Datasheet
99Kb / 10P
4 Mbit ROM 1 Mbit / 256 Kbit SRAM ROM/RAM Combo
SST30VR041-150-C-U1 SST-SST30VR041-150-C-U1 Datasheet
99Kb / 10P
4 Mbit ROM 1 Mbit / 256 Kbit SRAM ROM/RAM Combo
SST30VR041-500-C-WH SST-SST30VR041-500-C-WH Datasheet
99Kb / 10P
4 Mbit ROM 1 Mbit / 256 Kbit SRAM ROM/RAM Combo
SST30VR041-500-E-WH SST-SST30VR041-500-E-WH Datasheet
99Kb / 10P
4 Mbit ROM 1 Mbit / 256 Kbit SRAM ROM/RAM Combo
SST30VR041-70-C-U1 SST-SST30VR041-70-C-U1 Datasheet
99Kb / 10P
4 Mbit ROM 1 Mbit / 256 Kbit SRAM ROM/RAM Combo
More results

Similar Description - SST30VR021

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6595A OKI-MSM6595A Datasheet
165Kb / 13P
1-Mbit Serial Voice ROM
MSM6596A OKI-MSM6596A Datasheet
170Kb / 13P
2-Mbit Serial Voice ROM
MSM6597A OKI-MSM6597A Datasheet
140Kb / 10P
3-Mbit Serial Voice ROM
logo
Silicon Storage Technol...
SST27SF256 SST-SST27SF256 Datasheet
268Kb / 26P
256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST30VR041 SST-SST30VR041 Datasheet
99Kb / 10P
4 Mbit ROM 1 Mbit / 256 Kbit SRAM ROM/RAM Combo
SST31LF021 SST-SST31LF021 Datasheet
294Kb / 24P
2 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF041 SST-SST31LF041 Datasheet
310Kb / 26P
4 Mbit Flash 1 Mbit or 256 Kbit SRAM ComboMemory
SST45VF512 SST-SST45VF512 Datasheet
170Kb / 16P
512 Kbit / 1 Mbit / 2 Mbit Serial Flash
SST31LF021 SST-SST31LF021_07 Datasheet
350Kb / 24P
2 Mbit Flash 1 Mbit SRAM ComboMemory
logo
Qimonda AG
HYB25L256160AC QIMONDA-HYB25L256160AC Datasheet
716Kb / 18P
256-MBit Mobile-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com