Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST30VR021 Datasheet(PDF) 9 Page - Silicon Storage Technology, Inc

Part # SST30VR021
Description  2 Mbit ROM 1 Mbit / 2Mbit / 256 Kbit SRAM ROM/RAM Combo
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST30VR021 Datasheet(HTML) 9 Page - Silicon Storage Technology, Inc

Back Button SST30VR021 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST30VR021 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST30VR021 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST30VR021 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST30VR021 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST30VR021 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST30VR021 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST30VR021 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST30VR021 Datasheet HTML 12Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet
2 Mbit ROM + 1 Mbit / 2Mbit / 256 Kbit SRAM
ROM/RAM Combo
SST30VR021 / SST30VR022 / SST30VR023
9
©2001 Silicon Storage Technology, Inc.
S71135-02-000
4/01
380
FIGURE 8: SRAM WRITE CYCLE TIMING DIAGRAM
TABLE
8: FUNCTIONAL DESCRIPTION/TRUTH TABLE
Address Inputs
ROMCS#1
1. If is forbidden for ROMCS# pin and RAMCS# pin to be “0” at the same time
RAMCS#1
WE#
OE#
DQ0-DQ7
XH
H
X2
2. X means Don’t Care.
X2
Z
Standby
A17-A0
LH
X2
H
Z
Output Floating
A17-A0
LH
X2
L
Dout
ROM Read
Only AMS3-A0 are valid4
3. AMS = A16 for SST30VR021, A17 for SST30VR022, and A14 for SST30VR023
4. For SST30VR021: A17 must be fixed to “L” or “H”
For SST30VR023: A15, A16, and A17 must be fixed to “L” or “H”
H
L
H
H
Z
Output Floating
Only AMS3-A0 are valid4
H
L
H
L
Dout
RAM Read
Only AMS3-A0 are valid4
HL
L
H
Din
RAM Write
T8.4 380
Notes: 1. A write occurs during the overlap (TWP) of a low RAMCS# and low WE#. A write begins at the latest transition among
RAMCS# going low and WE# going low: A write end at the earliest transition among RAMCS# going high and WE# going high,
TWP is measured from the beginning of write to the end of write.
2. TCW is measured from the later of RAMCS# going low to the end of write.
3. TAS is measured from the address valid to the beginning of write.
4. TWR is measured from the end of write to the address change.
5. If RAMCS#, WE# are in the read mode during this period, the I/O pins are in the outputs Low-Z state.
Inputs of opposite phase of the output must not be applied because bus contention can occur.
6. If RAMCS# goes low simultaneously with WE# going low or after WE# going low, the outputs remain high impedance state.
7. DOUT is the same phase of the latest written data in this write cycle.
8. DOUT is the read data of new address
9. ROMCS# = VIH
TWC
TAW
TCW(2)
TOH
TDH
TDW
TOW
TWR(4)
Data Valid
380 ILL F07.0
Data In
Data Out
WE#
High-Z
High-Z (6)
(7)
(8)
Address
RAMCS#
TWP(1)
TAS(3)
TWHZ(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com