Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST39VF080 Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST39VF080
Description  8 Mbit / 16 Mbit (x8) Multi-Purpose Flash
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39VF080 Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST39VF080 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST39VF080 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST39VF080 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST39VF080 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST39VF080 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39VF080 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39VF080 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39VF080 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39VF080 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Data Sheet
©2001 Silicon Storage Technology, Inc.
S71146-03-000
6/01
396
1
The SST logo and SuperFlash are registered trademarks of Silicon Storage Technology, Inc.
MPF is a trademark of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
8 Mbit / 16 Mbit (x8) Multi-Purpose Flash
SST39LF080 / SST39LF016 / SST39VF080 / SST39VF016
FEATURES:
•
Organized as 1M x8 / 2M x8
•
Single Voltage Read and Write Operations
– 3.0-3.6V for SST39LF080/016
– 2.7-3.6V for SST39VF080/016
•
Superior Reliability
– Endurance: 100,000 Cycles (typical)
– Greater than 100 years Data Retention
•
Low Power Consumption:
– Active Current: 15 mA (typical)
– Standby Current: 4 µA (typical)
– Auto Low Power Mode: 4 µA (typical)
•
Sector-Erase Capability
– Uniform 4 KByte sectors
•
Block-Erase Capability
– Uniform 64 KByte blocks
•
Fast Read Access Time:
– 55 ns for SST39LF080/016
– 70 and 90 ns for SST39VF080/016
•
Latched Address and Data
•
Fast Erase and Byte-Program:
– Sector-Erase Time: 18 ms (typical)
– Block-Erase Time: 18 ms (typical)
– Chip-Erase Time: 70 ms (typical)
– Byte-Program Time: 14 µs (typical)
– Chip Rewrite Time:
15 seconds (typical) for SST39LF/VF080
30 seconds (typical) for SST39LF/VF016
•
Automatic Write Timing
– Internal VPP Generation
•
End-of-Write Detection
– Toggle Bit
– Data# Polling
•
CMOS I/O Compatibility
•
JEDEC Standard
– Flash EEPROM Pinouts and command sets
•
Packages Available
– 40-lead TSOP (10mm x 20mm)
– 48-ball TFBGA (6mm x 8mm)
PRODUCT DESCRIPTION
The SST39LF/VF080 and SST39LF/VF016 devices are
1M x8 / 2M x8 CMOS Multi-Purpose Flash (MPF) manu-
factured with SST’s proprietary, high performance CMOS
SuperFlash technology. The split-gate cell design and thick
oxide tunneling injector attain better reliability and manufac-
turability compared with alternate approaches. The
SST39LF080/016 write (Program or Erase) with a 3.0-3.6V
power supply. The SST39VF080/016 write (Program or
Erase) with a 2.7-3.6V power supply. They conform to
JEDEC standard pinouts for x8 memories.
Featuring high performance Byte-Program, the SST39LF/
VF080 and SST39LF/VF016 devices provide a typical
Byte-Program time of 14 µsec. The devices use Toggle Bit
or Data# Polling to indicate the completion of Program
operation. To protect against inadvertent write, they have
on-chip hardware and Software Data Protection schemes.
Designed, manufactured, and tested for a wide spectrum of
applications, these devices are offered with a guaranteed
endurance of 10,000 cycles. Data retention is rated at
greater than 100 years.
The SST39LF/VF080 and SST39LF/VF016 devices are
suited for applications that require convenient and econom-
ical updating of program, configuration, or data memory.
For all system applications, they significantly improve per-
formance and reliability, while lowering power consumption.
They inherently use less energy during Erase and Program
than alternative flash technologies. The total energy con-
sumed is a function of the applied voltage, current, and
time of application. Since for any given voltage range, the
SuperFlash technology uses less current to program and
has a shorter erase time, the total energy consumed during
any Erase or Program operation is less than alternative
flash technologies. They also improve flexibility while lower-
ing the cost for program, data, and configuration storage
applications.
The SuperFlash technology provides fixed Erase and Pro-
gram times, independent of the number of Erase/Program
cycles that have occurred. Therefore the system software
or hardware does not have to be modified or de-rated as is
necessary with alternative flash technologies, whose Erase
and Program times increase with accumulated Erase/Pro-
gram cycles.
To meet high density, surface mount requirements, the
SST39LF/VF080 and SST39LF/VF016 are offered in 40-
lead TSOP and 48-ball TFBGA packaging. See Figures 1
and 2 for pinouts.
SST39LF/VF080 / 0163.0 & 2.7V 8Mb / 16Mb (x8) MPF memories


Similar Part No. - SST39VF080

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF080 SST-SST39VF080 Datasheet
454Kb / 25P
8 Mbit (x8) Multi-Purpose Flash
SST39VF080-70-4C-B3K SST-SST39VF080-70-4C-B3K Datasheet
454Kb / 25P
8 Mbit (x8) Multi-Purpose Flash
SST39VF080-70-4C-B3KE SST-SST39VF080-70-4C-B3KE Datasheet
454Kb / 25P
8 Mbit (x8) Multi-Purpose Flash
SST39VF080-70-4C-EI SST-SST39VF080-70-4C-EI Datasheet
454Kb / 25P
8 Mbit (x8) Multi-Purpose Flash
SST39VF080-70-4C-EIE SST-SST39VF080-70-4C-EIE Datasheet
454Kb / 25P
8 Mbit (x8) Multi-Purpose Flash
More results

Similar Description - SST39VF080

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39SF010A SST-SST39SF010A Datasheet
271Kb / 22P
1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39VF1681 SST-SST39VF1681 Datasheet
474Kb / 29P
16 Mbit (x8) Multi-Purpose Flash Plus
SST39VF088 SST-SST39VF088 Datasheet
339Kb / 22P
8 Mbit (x8) Multi-Purpose Flash
SST39LF080 SST-SST39LF080_07 Datasheet
454Kb / 25P
8 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A_04 Datasheet
379Kb / 24P
1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39VF088 SST-SST39VF088_07 Datasheet
378Kb / 22P
8 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39SF010A MICROCHIP-SST39SF010A Datasheet
273Kb / 28P
1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2013 04/13
SST39SF010A MICROCHIP-SST39SF010A_16 Datasheet
227Kb / 29P
1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
04/16
SST39LF010 MICROCHIP-SST39LF010 Datasheet
267Kb / 28P
1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39SF040A MICROCHIP-SST39SF040A Datasheet
3Mb / 29P
1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2002-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com